Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 21Page - STMicroelectronics L6711_06 Datasheet HTML 22Page - STMicroelectronics L6711_06 Datasheet HTML 23Page - STMicroelectronics L6711_06 Datasheet HTML 24Page - STMicroelectronics L6711_06 Datasheet HTML 25Page - STMicroelectronics L6711_06 Datasheet HTML 26Page - STMicroelectronics L6711_06 Datasheet HTML 27Page - STMicroelectronics L6711_06 Datasheet HTML 28Page - STMicroelectronics L6711_06 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
L6711
Voltage positioning
25/50
Since IDROOP depends on the current information about the three phases, the output
characteristic vs. load current is given by:
Where RSENSE is the chosen sensing element resistance (Inductor DCR or LS RdsON), IOUT
is the output current of the system and RDROOP is its equivalent output resistance (The
whole power supply can be then represented by a "real" voltage generator with a voltage
value of VID and an equivalent series resistance RDROOP).
RFB resistor can be also designed according to the RDROOP specifications as follow:
Figure 10.
Voltage positioning with offset
10.2
Offset
The OFFSET pin allows programming a positive or a negative offset (VOS) for the output
voltage.
When the Integrated Thermal Sensor is disabled (TC = SGND) a resistor ROFFSET
connected vs. SGND increases the output voltage: since the pin is internally fixed at 1.240V,
the current programmed by the resistor ROFFSET is mirrored and then properly subtracted
from the IFB current (see Figure 10) as follow (Only the IOFFSET contribute to IFB has been
considered):
The device will add the programmed offset VOS to the output programmed voltage
(considering now also the droop effect) subtracting the relative offset current from the
feedback current IFB:
VID
R
FB
I
DR OOP
⋅
–
VID
R
FB
R
SENSE
Rg
--------------------- IOUT
⋅⋅
–
VID
R
DROOP
I
OUT
⋅
–
==
R
FB
R
DROOP
Rg
R
SEN SE
---------------------
⋅
=
1.240V
1:1
ROFFSET
OFFSET
TC
IDROOP
VID
FB
COMP
I
FB
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
IOFFSET
V
OUT
VID
R
FB
I
OFFSET
⋅
+
VID
R
FB
1.240V
R
OFFSET
------------------------
⎝⎠
⎛⎞
⋅
+
VID
V
OS
+
==
=
VID
R
FB
I
FB
⋅
–
VID
R
FB
I
D ROOP
I
OFFSET
–
() = VID R
FB
I
OFFSET
R
D ROOP IOUT
⋅
–
⋅
+
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com