Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 36Page - STMicroelectronics L6711_06 Datasheet HTML 37Page - STMicroelectronics L6711_06 Datasheet HTML 38Page - STMicroelectronics L6711_06 Datasheet HTML 39Page - STMicroelectronics L6711_06 Datasheet HTML 40Page - STMicroelectronics L6711_06 Datasheet HTML 41Page - STMicroelectronics L6711_06 Datasheet HTML 42Page - STMicroelectronics L6711_06 Datasheet HTML 43Page - STMicroelectronics L6711_06 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Driver section
L6711
40/50
Moreover, since the device has an exposed pad to better dissipate the power, also the
thermal resistance between junction and ambient is important.
Figure 16 shows the Switching Power for different kind of mosfets driven.
Figure 20.
Controller power dissipated (Quiescent + Switching; VCC = VCCDR = VBOOT
= 12V)
0
500
1000
1500
2000
2500
3000
10 0
3 00
500
700
900
Sw it ch ing Frequency [k Hz] p er Phase
Q G_HS=24nC
Q G_LS=62nC
Q G_HS=18nC
Q G_LS=47nC
Q G_HS=3 6nC
Q G_LS=94nC
Q G_HS=48 n C
Q G_LS= 124nC
Q G_HS=72nC
Q G_LS=196nC
0
50 0
100 0
150 0
200 0
250 0
300 0
100
300
500
700
900
S w itc hing Freq uen cy [kH z] p er P hase
Q G_HS= 24nC
Q G_LS= 62n C
Q G_HS= 18nC
Q G_LS= 47n C
Q G_HS= 36nC
Q G_LS=9 4nC
Q G_HS= 48n C
Q G_L S=124n C
Q G_HS= 72n C
Q G_LS= 1 96nC
RGATE = RGATE_MOSFET = 0
RGATE_HS = 2.2Ω; RGATE_LS = 3.3Ω; · RGATE_MOSFET = 1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com