Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI64-A7T Datasheet(PDF) 17 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 13Page - STMicroelectronics LRI64-A7T Datasheet HTML 14Page - STMicroelectronics LRI64-A7T Datasheet HTML 15Page - STMicroelectronics LRI64-A7T Datasheet HTML 16Page - STMicroelectronics LRI64-A7T Datasheet HTML 17Page - STMicroelectronics LRI64-A7T Datasheet HTML 18Page - STMicroelectronics LRI64-A7T Datasheet HTML 19Page - STMicroelectronics LRI64-A7T Datasheet HTML 20Page - STMicroelectronics LRI64-A7T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LRI64
Special fields
17/52
10
Special fields
10.1
Unique identifier (UID)
Members of the LRI64 family are uniquely identified by a 64-bit unique identifier (UID). This
is used for addressing each LRI64 device uniquely and individually, during the anticollision
loop and for one-to-one exchange between a VCD and an LRI64.
The UID complies with ISO/IEC 15963 and ISO/IEC 7816-6. It is a read-only code, and
comprises (as summarized in Figure 13):
●
8-bit prefix, the most significant bits, set at E0h
●
8-bit IC manufacturer code (ISO/IEC 7816-6/AM1), set at 02h (for STMicroelectronics)
●
48-bit unique serial number
Figure 13.
UID format
Figure 14.
Decision tree for AFI
AI09725
E0h
Unique Serial Number
02h
63
55
47
0
Most significant bits
Least significant bits
AI06679B
Inventory Request
Received
No
No Answer
Yes
No
AFI value
= 0 ?
Yes
No
AFI Flag
Set ?
Yes
Answer given by the VICC
to the Inventory Request
AFI value
= Internal
value ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com