Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI64-A7T Datasheet(PDF) 40 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 36Page - STMicroelectronics LRI64-A7T Datasheet HTML 37Page - STMicroelectronics LRI64-A7T Datasheet HTML 38Page - STMicroelectronics LRI64-A7T Datasheet HTML 39Page - STMicroelectronics LRI64-A7T Datasheet HTML 40Page - STMicroelectronics LRI64-A7T Datasheet HTML 41Page - STMicroelectronics LRI64-A7T Datasheet HTML 42Page - STMicroelectronics LRI64-A7T Datasheet HTML 43Page - STMicroelectronics LRI64-A7T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
DC and AC parameters
LRI64
40/52
20
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 38.
LRI64 synchronous timing, transmit and receive
Figure 38 shows an ASK modulated signal, from the VCD to the LRI64. The test condition
for the AC/DC parameters are:
●
Close coupling condition with tester antenna (1mm)
●
Gives LRI64 performance on tag antenna
Table 12.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–20
85
°C
Table 13.
DC characteristics
Symbol
Parameter
Test conditions(1)
1.
TA = –20 to 85 °C
Min.
Typ.
Max.
Unit
VCC
Regulated voltage
1.5
3.0
V
VRET
Retromodulated induced voltage
ISO10373-7
10
mV
ICC
Supply current
Read
VCC = 3.0 V
50
µA
Write
VCC = 3.0 V
150
µA
CTUN
Internal tuning capacitor
f=13.56 MHz for W4/1
21
pF
f=13.56 MHz for W4/2
28.5
pF
f=13.56 MHz for W4/3
97
pF
AI06680B
AB
tRFF
tRFR
tRFSBL
tMIN CD
fCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com