Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC259
Description  8 BIT ADDRESSABLE LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC259 Datasheet HTML 1Page - STMicroelectronics M74HC259 Datasheet HTML 2Page - STMicroelectronics M74HC259 Datasheet HTML 3Page - STMicroelectronics M74HC259 Datasheet HTML 4Page - STMicroelectronics M74HC259 Datasheet HTML 5Page - STMicroelectronics M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC259
M74HC259
October 1992
8 BIT ADDRESSABLE LATCH
B1R
(Plastic Package)
ORDER CODES :
M54HC259F1R
M74HC259M1R
M74HC259B1R
M74HC259C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 15 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL PROPAGATION DELAYS
IOH =IOL = 4 mA (MIN.)
.
BALANCED PRORAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS259
DESCRIPTION
The M54/74HC259 is a high speed CMOS 8 BIT
ADDRESSABLE LATCH fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
The M54HC259/M74HC259 has single data input
(D) 8 latch outputs (Q0-Q7), 3 address inputs (A, B,
and C), common enable input (E), and a common
CLEAR input. To operate this device as an address-
able latch, data is held on the D input, and the ad-
dress of the latch into which the data is to be entered
is held on the A, B, and C inputs. When ENABLE is
taken low the data flows through to the addresses
output. The data is stored on the positive-going
edge of the ENABLE pulse. All unaddressed latches
will remain unaffected. With ENABLE in the high
state the device is deselected and all latches remain
in their previous state, unaffected by changes on the
data or address inputs. To eliminate the possibility
of entering erroneous data into the latches, the EN-
ABLE should be held high (inactive) while the ad-
dress lines are changing. If ENABLE is held high and
CLEAR is taken low all eight latches are cleared to
the low state. If ENABLE is low all latches except the
addressed latch will be cleared. The addressed
latch will instead follow the D input, effectively imple-
menting a 3-to 8 line decoder.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
1/12


Similar Part No. - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
684Kb / 19P
8-bit addressable latch
01-Nov-2013
M74HC259B1R STMICROELECTRONICS-M74HC259B1R Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
M74HC259M1R STMICROELECTRONICS-M74HC259M1R Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
M74HC259RM13TR STMICROELECTRONICS-M74HC259RM13TR Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
More results

Similar Description - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com