Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet (PDF) - STMicroelectronics

M74HC259 Datasheet PDF - STMicroelectronics
Part # M74HC259
Download  M74HC259 Download
File Size   557.59 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT ADDRESSABLE LATCH

M74HC259 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC259 Datasheet PDF - STMicroelectronics

Part # M74HC259
Download  M74HC259 Click to download

File Size   557.59 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT ADDRESSABLE LATCH

M74HC259 Datasheet (HTML) - STMicroelectronics


M74HC259 Product details

DESCRIPTION

The M74HC259 is an high speed CMOS 8 BIT ADDRESSABLE LATCH fabricated with silicon gate C2MOS technology.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



■ HIGH SPEED :

   tPD = 20 ns (TYP.) at VCC = 6V

■ LOW POWER DISSIPATION:

   ICC =4µA(MAX.) at TA=25°C

■ HIGH NOISE IMMUNITY:

   VNIH = VNIL = 28 % VCC (MIN.)

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 4mA (MIN)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ WIDE OPERATING VOLTAGE RANGE:

   VCC (OPR) = 2V to 6V

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 259



 




Similar Part No. - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
684Kb / 19P
8-bit addressable latch
01-Nov-2013
M74HC259B1R STMICROELECTRONICS-M74HC259B1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259C1R STMICROELECTRONICS-M74HC259C1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259M1R STMICROELECTRONICS-M74HC259M1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
More results


Similar Description - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com