Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC259
Description  8 BIT ADDRESSABLE LATCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC259 Datasheet HTML 1Page - STMicroelectronics M74HC259 Datasheet HTML 2Page - STMicroelectronics M74HC259 Datasheet HTML 3Page - STMicroelectronics M74HC259 Datasheet HTML 4Page - STMicroelectronics M74HC259 Datasheet HTML 5Page - STMicroelectronics M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M74HC259
2/13
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
D : The level at the data input
Qi0 : The level before the indicated steady state input conditions where established, (i = 0, 1, ......., 7).
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3
A, B, C
Address Inputs
4, 5, 6, 7, 9,
10, 11, 12
Q0 to Q7
Latch Outputs
13
D
Data Input
14
ENABLE
Latch Enable Input (Active
Low)
15
CLEAR
Conditional Reset Input
(Low)
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS OF
ADDRESSED LATCH
EACH OTHER OUTPUT
FUNCTION
CLEAR
ENABLE
H
L
D
Qi0
ADDRESSABLE LATCH
H
H
Qi0
Qi0
MEMORY
L
L
D
L
8 LINE DEMULTIPLEXER
LH
L
L
CLEAR ALL BITS TO ’L’
SELECT INPUTS
LATCH ADDRESSED
CBA
LLL
Q0
LL
H
Q1
LHL
Q2
LH
H
Q3
HL
L
Q4
HLH
Q5
HH
L
Q6
HHH
Q7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com