Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC259
Description  8 BIT ADDRESSABLE LATCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC259 Datasheet HTML 1Page - STMicroelectronics M74HC259 Datasheet HTML 2Page - STMicroelectronics M74HC259 Datasheet HTML 3Page - STMicroelectronics M74HC259 Datasheet HTML 4Page - STMicroelectronics M74HC259 Datasheet HTML 5Page - STMicroelectronics M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
July 2001
s
HIGH SPEED :
tPD = 20 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 259
DESCRIPTION
The M74HC259 is an high speed CMOS 8 BIT
ADDRESSABLE LATCH fabricated with silicon
gate C2MOS technology.
The M74HC259 has single data input (D) 8 latch
outputs (Q0-Q7), 3 address inputs (A, B, and C),
common enable input (E), and a common CLEAR
input. To operate this device as an addressable
latch, data is held on the D input, and the address
of the latch into which the data is to be entered is
held on the A, B, and C inputs. When ENABLE is
taken low the data flows through to the addresses
output. The data is stored on the positive-going
edge of the ENABLE pulse. All unaddressed
latches will remain unaffected. With ENABLE in
the high state the device is deselected and all
latches remain in their previous state, unaffected
by changes on the data or address inputs. To
eliminate the possibility of entering erroneous data
into the latches, the ENABLE should be held high
(inactive) while the address lines are changing. If
ENABLE is held high and CLEAR is taken low all
eight latches are cleared to the low state. If
ENABLE is low all latches except the addressed
latch will be cleared. The addressed latch will
instead
follow
the
D
input,
effectively
implementing a 3-to-8 line decoder.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC259
8 BIT ADDRESSABLE LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC259B1R
SOP
M74HC259M1R
M74HC259RM13TR
TSSOP
M74HC259TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
684Kb / 19P
8-bit addressable latch
01-Nov-2013
M74HC259B1R STMICROELECTRONICS-M74HC259B1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259C1R STMICROELECTRONICS-M74HC259C1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259M1R STMICROELECTRONICS-M74HC259M1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
More results

Similar Description - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com