Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD09A/C Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD09A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD09A/C Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  RN5VD09A/C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RN5VD
3
PIN CONFIGURATION
●SOT-23-5
1
4
5
23
(mark side)
PIN DESCRIPTION
Pin No.
Symbol
Pin Description
1
OUT
Output Pin("L" at Detection)
2
VDD
Input Pin
3
GND
Ground Pin
4
NC
No Connection
5
CD
Pin for external capacitor ( for setting output delay)
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Ratings
Unit
VDD
Supply Voltage
12
V
CMOS VSS −0.3 to VDD+0.3
VOUT
Output Voltage
Nch
VSS −0.3~12
V
IOUT
Output Current
70
mA
PD
Power Dissipation (SOT-23-5)*
420
mW
Topt
Operating Temperature Range
−
40 to +85
°
C
Tstg
Storage Temperature Range
−
55 to +125
°
C
Tsolder
Lead Temperature (Soldering)
260°C 10s
* ) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field. The functional operation at or over these absolute maximum ratings is not assured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com