Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD09A/C Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD09A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD09A/C Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  RN5VD09A/C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RN5VD SERIES
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
NO. EA-027-160309
1
OUTLINE
The RN5VD Series are CMOS-based voltage detector ICs with high detector threshold accuracy and ultra-low
supply current, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistor net for detector threshold setting,
an output driver, a hysteresis circuit, and an output delay circuit. The detector threshold is fixed with high accuracy
internally and does not require any adjustment. Two output types, Nch open drain type and CMOS type are
available.
Since the package for these ICs is SOT-23-5 package, high density mounting of the ICs on board is possible.
FEATURES
•
Built-in Output Delay Circuit............................................... Typ. 100ms with an external capacitor : 0.15µF
•
Supply Current ................................................................... Typ. 1.0µA (RN5VD15x, VDD=3.5V)
•
Operating Voltage Range................................................... 0.7 to 10.0V (Topt=25°C)
•
Detector Threshold Range................................................. 0.9V to 6.0V (0.1V steps)
•
Detector Threshold Accuracy............................................. ±2.5%
•
Temperature-Drift Coefficient of Detector Threshold ............Typ. ±100ppm/°C
•
Output Types...................................................................... Nch Open Drain and CMOS
•
Package ............................................................................. SOT-23-5
APPLICATIONS
•
CPU and Logic Circuit Reset
•
Battery Checker
•
Window Comparator
•
Wave Shaping Circuit
•
Battery Back-up Circuit
•
Power Failure Detector


Similar Part No. - RN5VD09A/C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC-TL RICOH-RN5VD09AC-TL Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VD09A/C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Rev. 1.10
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com