Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD21A/C Datasheet(PDF) 9 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD21A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD21A/C Datasheet(HTML) 9 Page - Nisshinbo Micro Devices Inc.

Back Button RN5VD21A/C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
RN5VD
9
• RN5VD54A/C
Topt=25˚C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit.
–VDET
Detector Threshold
5.265
5.400
5.535
0.378
V
VHYS
Detector Threshold Hysteresis
0.162
0.270
V
12.0
4.2
ISS
Supply Current
VDD=5.2V
VDD=7.4V
6.0
1.4
µA
10
VDDH
Maximum Operating Voltage
V
0.70
0.80
VDDL
Minimum Operating Voltage
(
Note 1)
Topt=25˚C
–30˚C
≤Topt≤85˚C
0.55
0.65
V
0.05
2.0
3.564
VTCD
CD pin Threshold Voltage
VDD=5.94V
2.376
2.970
V
2.0
RD
Delay Resistance
0.5
1.0
M
Ω
∆–VDET
∆Topt
Detector Threshold
Temperature Coefficient
–30˚C
≤Topt≤85˚C
±100
ppm/˚C
ICD
CD pin Sink Current
VDS=0.1V, VDD=0.7V
VDS=0.5V, VDD=1.5V
2.0
200.0
30
800.0
µA
IOUT
Output Current
Nch
VDS=0.05V, VDD=0.7V
VDS=0.5V, VDD=1.5V
0.01
1.0
mA
mA
3.0
Pch
VDS=–2.1V, VDD=8.0V
1.5
(Note 1) Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less, provided that in the case of Nch
Open Drain Type Products, the pull-up resistance is set at 470k
Ω, and the pull-up voltage is set at 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com