Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD21A/C Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD21A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD21A/C Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button RN5VD21A/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. RN5VD21A/C Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RN5VD
13
Pch
VDS=
–2.1V
VDD=
8.0V
1.5
3.0
(Note1)
Condition1
0.55
Condition2
0.65
(Note1)
Condition1
0.70
Condition2
0.80
VDD=
(–
VDET)
×1.1V
VDS=
0.1V
VDD=
0.7V
2.0
30
VDS=
0.5V
VDD=
1.5V
200
800
0.5
1.0
2.0
Output Current 3
IOUT3 (mA)
condi-
tions
Min. Typ.
Typ.
Max.
condi-
tions
VDD
×
0.4
VDD
×
0.5
VDD
×
0.6V
Min. Typ. Max.
condi-
tions
Min. Typ.
conditions
Min. Typ.
condi-
tions
Typ. Max.
VDDL (V)
VTCD (V)
ICD1 (µA)
IOUT1 (mA)
IOUT2 (mA)
Minimum Oper-
ating Voltage
CD Pin Threshold Voltage
CD Pin Output
Current 1
CD Pin Output Current 2
Delay
Resistance
–30˚C
≤
Topt
≤85˚C ±100
condi-
tions
Typ.
Detector
Threshold
Tempco.
Topt=25˚C
∆–VDET
∆Topt (ppm/˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com