Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C130 Datasheet(PDF) 2 Page - YORKVILLE

Part # C130
Description  Coliseum Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

C130 Datasheet(HTML) 2 Page - YORKVILLE

  C130 Datasheet HTML 1Page - YORKVILLE C130 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
yorkville.com
Specifications
System Type
Two Way
Active or Passive
Passive
Program Power (Watts)
100
Nominal Impedance (Ohms)
8 (70 volt optional - C130/70)
Sensitivity (dB @1Watt/1m)
96
Max SPL (dB)
116
Frequency Response (Hz +/- 3dB)
75 to 20000
Driver Configuration
6 1/2 inch / 1 inch dome tweeter
HF Driver(s)
1 inch Mylar Dome Tweeter
LF Driver(s)
6 1/2 inch
Inputs - 1/4" Jacks
Yes - Two
Inputs - Binding Post
Yes
Other Controls / Features
Available in 70-Volt version C130/70
Included Hardware
Mounting Bracket
Optional Covering / Finishes
Available Black or White (C130W)
Dimensions (DWH xbackW, inches)
11.5 x 8.5 x 7.5 x 3.5
Dimensions (DWH xbackW, cm)
29 x 22 x 19 x 9
Weight (lbs/kg)
6.6 / 3.2
Specifications subject to change without notice
Coliseum Mini
Installation Series
C130



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com