Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C130 Datasheet(PDF) 1 Page - YORKVILLE

Part # C130
Description  Coliseum Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

C130 Datasheet(HTML) 1 Page - YORKVILLE

  C130 Datasheet HTML 1Page - YORKVILLE C130 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coliseum Mini
Installation Series
C130
Overview
The Coliseum C130 is a compact loudspeaker in the 100-watt range with a 6
1/2-inch driver and 1 inch Mylar tweeter.
The trapezoidal shape makes the C130 ideal for install or array mounting in
tight locations. Weather resistant plastic enclosure and Mylar components
mean the C130 can be used indoors or outdoors, ideal for foyers, patio
systems for music and paging systems. Shipped with a rugged proprietary
U-bracket for wall or ceiling mounting, they may be the most versatile and
cost-effective solution for small installations, or as a repeater or fill cabinet in
larger venues.
The C130 is available either in an 8-ohm version, or as a 70-volt multi tapped
transformer version designed for fixed installation systems (C130/70). The
integrated 70-volt 'matching transformer' allows multiple C130/70's to be
connected together without danger of overloading the power amplifier due to
impedance drop. The user has a choice of three sensitivity settings (10W, 20W,
30W or bypass). Black or white versions are available.
Features
• 100 watt / 8-ohm Two-Way Installation Loudspeaker
• 6.5-inch Woofer / 1-inch Mylar Dome Tweeter
• 1⁄4-inch and Binding Post Inputs
• Weather Resistant Plastic Cabinet
• Metal Grille
• Mounting U-Bracket Included
• Available in White (C130W) or Black (C130) Finishes
yorkville.com


Similar Part No. - C130

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C130 TIME-ELECTRONICS-C130 Datasheet
519Kb / 3P
5075 Precision Digital Multimeter
01/23
logo
Vectron International, ...
C1300 VECTRON-C1300 Datasheet
144Kb / 4P
Typical Applications
C1300 VECTRON-C1300 Datasheet
101Kb / 4P
PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
logo
Rectron Semiconductor
C13003 RECTRON-C13003 Datasheet
414Kb / 4P
TO126 PLASTIC PACKAGE NPN SILICON POWER TRANSISTOR
More results

Similar Description - C130

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MN2 CLARE-MN2 Datasheet
404Kb / 5P
Mini-Dyad
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
logo
Assmann Electronics Inc...
AK679-R ASSMANN-AK679-R Datasheet
84Kb / 1P
MINI 6M
logo
Weidmuller
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com