Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7811AV Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7811AV
Description  N-Channel Application-Specific MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7811AV Datasheet(HTML) 3 Page - International Rectifier

  IRF7811AV Datasheet HTML 1Page - International Rectifier IRF7811AV Datasheet HTML 2Page - International Rectifier IRF7811AV Datasheet HTML 3Page - International Rectifier IRF7811AV Datasheet HTML 4Page - International Rectifier IRF7811AV Datasheet HTML 5Page - International Rectifier IRF7811AV Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
IRF7811AV
0
5
10
15
20
0
2
4
6
Q , Total Gate Charge (nC)
G
I
=
D
15A
1
10
100
V DS , Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd , Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0.1
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
0.3
0.6
0.9
1.2
1.5
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
Figure 1. Normalized On-Resistance vs. Temperature
Figure 2. Gate-to-Source Voltage vs. Typical Gate Charge
Figure 3. Typical Rds(on) vs. Gate-to-Source Voltage
Figure 4. Typical Capacitance vs. Drain-to-Source Voltage
Figure 5. Typical Transfer Characteristics
Figure 6. Typical Source-Drain Diode Forward Voltage
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
4.5V
15A
V
DS = 16V
3.0
6.0
9.0
12.0
15.0
V GS, Gate -to -Source Voltage (V)
0.008
0.010
0.012
0.014
0.016
0.018
0.020
ID = 15A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com