Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7811AV Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7811AV
Description  N-Channel Application-Specific MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7811AV Datasheet(HTML) 1 Page - International Rectifier

  IRF7811AV Datasheet HTML 1Page - International Rectifier IRF7811AV Datasheet HTML 2Page - International Rectifier IRF7811AV Datasheet HTML 3Page - International Rectifier IRF7811AV Datasheet HTML 4Page - International Rectifier IRF7811AV Datasheet HTML 5Page - International Rectifier IRF7811AV Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.irf.com
1
IRF7811AV
• N-Channel Application-Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• Minimizes Parallel MOSFETs for high current
applications
• 100% R
G Tested
Description
This new device employs advanced HEXFET Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The reduced
conduction and switching losses make it ideal for high
efficiency DC-DC converters that power the latest
generation of microprocessors.
The IRF7811AV has been optimized for all parameters
that are critical in synchronous buck converters including
R
DS(on), gate charge and Cdv/dt-induced turn-on immunity.
The IRF7811AV offers an extremely low combination of
Q
sw & RDS(on) for reduced losses in both control and
synchronous FET applications.
The package is designed for vapor phase, infra-red,
convection, or wave soldering techniques.
Power
dissipation of greater than 2W is possible in a typical
PCB mount application.
DEVICE CHARACTERISTICS
…
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
IRF7811AV
SO-8
11/01/05
PD-94009B
IRF7811AV
RDS(on)
11 m
Ω
QG
17 nC
QSW
6.7 nC
QOSS
8.1 nC
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
Continuous Output Current
TA = 25°C
A
(VGS ≥ 4.5V)
TL = 90°C
IDM
TA = 25°C
TL = 90°C
TJ , TSTG
°C
IS
ISM
Thermal Resistance
Symbol
Typ
Max
Units
RθJA
–––
50
RθJL
–––
20
W
A
°C/W
Maximum Junction-to-Ambient
eh
Maximum Junction-to-Lead
hÃ
Pulsed Source Current
™
2.5
50
2.5
-55 to 150
ID
PD
Power Dissipation
eÃÃÃÃÃÃÃÃÃÃ
Continuous Source Current (Body Diode)
Parameter
Parameter
Drain-to-Source Voltage
Gate-to-Source Voltage
Pulsed Drain Current
™
Junction & Storage Temperature Range
3.0
IRF7811AV
10.8
100
30
±20
11.8


Similar Part No. - IRF7811AV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
111Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVPBF-1 IRF-IRF7811AVPBF-1 Datasheet
188Kb / 6P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7811AV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
N-Channel Application-Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
N Channel Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
N Channel Application Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
N-Channel Application-Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com