Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC390 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC390
Description  DUAL DECADE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC390 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC390 Datasheet HTML 3Page - STMicroelectronics M54HC390 Datasheet HTML 4Page - STMicroelectronics M54HC390 Datasheet HTML 5Page - STMicroelectronics M54HC390 Datasheet HTML 6Page - STMicroelectronics M54HC390 Datasheet HTML 7Page - STMicroelectronics M54HC390 Datasheet HTML 8Page - STMicroelectronics M54HC390 Datasheet HTML 9Page - STMicroelectronics M54HC390 Datasheet HTML 10Page - STMicroelectronics M54HC390 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(CLOCK A - QA)
2.0
42
120
150
180
ns
4.5
14
24
30
36
6.0
12
20
26
31
tPLH
tPHL
Propagation
Delay Time
(CLOCK A - QB, QD)
2.0
45
120
150
180
ns
4.5
15
24
30
36
6.0
13
20
26
31
tPLH
tPHL
Propagation
Delay Time
(CLOCK A - QC)
2.0
QA Connected
to CKB
108
280
350
420
ns
4.5
36
56
70
84
6.0
31
48
60
71
tPLH
tPHL
Propagation
Delay Time
(CLOCK B - QC)
2.0
72
185
230
280
ns
4.5
24
37
46
56
6.0
20
31
39
48
tPHL
Propagation
Delay Time
(CLEAR - Qn
2.0
45
125
155
190
ns
4.5
15
25
31
38
6.0
13
21
26
32
fMAX
Maximum Clock
Frequency
(CLOCK A - QA)
2.0
8.4
17
6.8
5.6
ns
4.5
42
65
34
28
6.0
50
79
40
33
fMAX
Maximum Clock
Frequency
(CLOCK B - QB)
2.0
8.4
17
6.8
5.6
ns
4.5
42
67
34
28
6.0
50
79
40
33
tW(H)
tW(L)
Minimum Pulse
Wisth
(CLOCK)
2.0
24
75
95
110
ns
4.5
6
151922
6.0
5
131619
t(W)H
Minimum Pulse
Wisth
(CLEAR)
2.0
24
75
95
110
ns
4.5
6
151922
6.0
5
131619
tREM
Propagation
Delay Time
2.0
25
30
35
ns
4.5
5
6
7
6.0
5
5
6
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
84
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC390
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com