Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC390 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC390
Description  DUAL DECADE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC390 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC390 Datasheet HTML 1Page - STMicroelectronics M54HC390 Datasheet HTML 2Page - STMicroelectronics M54HC390 Datasheet HTML 3Page - STMicroelectronics M54HC390 Datasheet HTML 4Page - STMicroelectronics M54HC390 Datasheet HTML 5Page - STMicroelectronics M54HC390 Datasheet HTML 6Page - STMicroelectronics M54HC390 Datasheet HTML 7Page - STMicroelectronics M54HC390 Datasheet HTML 8Page - STMicroelectronics M54HC390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TRUTH TABLE
COUNT
OUTPUTS
BCD COUNT *
BI-QUINARY **
QD
QC
QB
QA
QA
QD
QC
QB
0
LLLL
LLL
L
1
LLL
H
LLL
H
2L
L
H
L
L
L
H
L
3L
L
H
H
L
L
H
H
4
L
HL
L
L
HL
L
5L
H
L
H
H
L
L
L
6L
H
H
L
H
L
L
H
7
L
HH
HH
L
H
L
8
H
LLL
H
L
H
H
9
H
L
L
HHH
L
L
INPUTS
OUTPUTS
CLOCK A
CLOCK B
CLEAR
QA
QB
QC
QD
X
X
H
LLL
L
X
L
BINARY COUNT UP
X
L
QUINARY COUNT UP
Note: * Output QA is connected to input CLOCK B for BCD count.
** Output QD is connected to input CLOCK A for bi-quinary count.
INPUT AND OUTPUT EQUIVALENT CIRCUIT
M54/M74HC390
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com