Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-EB40 Datasheet(PDF) 23 Page - ABB

Part # EPP-EB40
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB40 Datasheet(HTML) 23 Page - ABB

Back Button EPP-EB40 Datasheet HTML 19Page - ABB EPP-EB40 Datasheet HTML 20Page - ABB EPP-EB40 Datasheet HTML 21Page - ABB EPP-EB40 Datasheet HTML 22Page - ABB EPP-EB40 Datasheet HTML 23Page - ABB EPP-EB40 Datasheet HTML 24Page - ABB EPP-EB40 Datasheet HTML 25Page - ABB EPP-EB40 Datasheet HTML 26Page - ABB EPP-EB40 Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
24
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Pack contents: Horizontal split load kit
• 2 x MID, Modbus ( RS485 ) & Pulse Meters
• Associated CTs
• Incoming isolators
• Internal cables
• Requires 2 x MCB distribution board - Type B
Please note as these kits allow for 4 to 24way
boards cutting and crimping of cables is required.
Pack contents: Standard distribution board
• 250A distribution bar
• RAL7035 textured finish
• Door closing latch
Description
Order codes
Protecta Plus DB 4 Way 250A
EPP-W304
Protecta Plus DB 8 Way 250A
EPP-W308
Protecta Plus DB 12 Way 250A
EPP-W312
Protecta Plus DB 16 Way 250A
EPP-W316
Protecta Plus DB 20 Way 250A
EPP-W320
Protecta Plus DB 24 Way 250A
EPP-W324
—
MCB distribution board - Type B
Description
Order codes
125A 3P Horizontal split load kit - 2 x Meters
EPP-HSL-1253P
125A 4P Horizontal split load kit - 2 x Meters
EPP-HSL-1254P
160A 3P Horizontal split load kit - 2 x Meters
EPP-HSL-1603P
160A 4P Horizontal split load kit - 2 x Meters
EPP-HSL-1604P
250A 3P Horizontal split load kit - 2 x Meters
EPP-HSL-2503P
250A 4P Horizontal split load kit - 2 x Meters
EPP-HSL-2504P
—
Horizontal split load kit
—
Protecta Plus
Order Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com