Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-EB40 Datasheet(PDF) 42 Page - ABB

Part # EPP-EB40
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB40 Datasheet(HTML) 42 Page - ABB

Back Button EPP-EB40 Datasheet HTML 38Page - ABB EPP-EB40 Datasheet HTML 39Page - ABB EPP-EB40 Datasheet HTML 40Page - ABB EPP-EB40 Datasheet HTML 41Page - ABB EPP-EB40 Datasheet HTML 42Page - ABB EPP-EB40 Datasheet HTML 43Page - ABB EPP-EB40 Datasheet HTML 44Page - ABB EPP-EB40 Datasheet HTML 45Page - ABB EPP-EB40 Datasheet HTML 46Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
43
Versions
Type
Order codes
Programming key
D KEY
2CSM277143R0621
Programming software
D SW
2CSM299973R0621
DCF77 antenna
D DCF77
2CSM299983R0621
GPS antenna
D GPS
2CSM299993R0621
—
Accessories
D/ T L I N E D I G I TA L T I M E S W I TC H E S – O R D ER CO D E S
Brightness range
lux
Order codes
Type
2:200
T1
2CSM295563R1341
2:15000
T1 PLUS
2CSM295793R1341
Brightness range
lux
Order codes
Type
External sensor
LS-D
2CSM295723R1341
—
T Line modular twilight switches
Order Codes
T Line modular twilight switches
These twilight switches allow to switch ON and
switch OFF lighting devices according to a
scheduled level of the ambient light. They are
used in combination with an external sensor to
detect if the ambient light is higher or lower than
the set level.
A switching delay prevents them from operating
unnecessarily when the light intensity suddenly
changes (e.g. lightning, moving vehicles, etc.). The
T1 twilight switch in 1 channel is preset at 10 lux.
Accessories for T Line modular twilight switches
The external sensor is supplied in the same
package of the switch, but it’s also available
separately as spare part. The upper part of the
external case (with screw locking), is made up of
from factory and is equipped with 2 signalling
LEDs that indicate the setpoint value and display
the status of the contact . The operating
instructions are printed on the side of the
product. T1 PLUS switches feature a setpoint that
can be adjusted for 4 different scale values (2:40,
20:200, 200:2000, 2000:15000).This makes them
ideal for daytime applications where the lux
values are very high. With a 10 lux preset factory
setting, they are equipped with 2 signalling LEDs
that indicate the setpoint value and display the
status of the contact.
thermoplastic materials and bears up against
ultraviolet rays to guarantee a homogeneous
diffusion of the daylight internally. LS-D is also
equipped with a cable gland.
—
01 T1
—
02 T1 PLUS
—
03 LS-D
—
01
—
02
—
03
—
T Line modular twilight switches
—
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com