Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA20903CS8 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA20903CS8
Description  High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA20903CS8 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA20903CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DIA20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
6
7. Switching Characteristics
7.1. Switching characteristics: VCC = 5 V
VO_PULLUP = 5 V, VCM = VCC/2, CL = 15 pF, RL = 5.1 kΩ, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tresponse
Propagation delay time, high-to-low;
TTL input signal (1)
TTL input with Vref = 1.4 V
170
ns
tresponse
Propagation delay time, high-to-low;
Small scale input signal (1)
Input overdrive = 5 mV,
Input reference = 100 mV
2
μs
tresponse
Propagation delay time, low-to-high;
Small scale input signal (1)
Input overdrive = 5 mV,
Input reference = 100 mV
2.3
μs
7.2. Switching characteristics: VCC = 12 V
VO_PULLUP = 12 V, VCM = VCC/2, CL = 15 pF, RL = 5.1 kΩ, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tresponse
Propagation delay time, high-to-low;
TTL input signal (1)
TTL input with Vref = 1.4 V
200
ns
tresponse
Propagation delay time, high-to-low;
Small scale input signal (1)
Input overdrive = 5 mV,
Input step = 100 mV
2.3
μs
tresponse
Propagation delay time, low-to-high;
Small scale input signal (1)
Input overdrive = 5 mV,
Input step = 100 mV
2.5
μs
7.3. Switching characteristics: VCC = 30 V
VO_PULLUP = 30 V, VCM = VCC/2, CL = 15 pF, RL = 5.1 kΩ, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tresponse
Propagation delay time, high-to-low;
TTL input signal (1)
TTL input with Vref = 1.4 V
300
ns
tresponse
Propagation delay time, high-to-low;
Small scale input signal (1)
Input overdrive = 5 mV,
Input step = 100 mV
2.7
μs
tresponse
Propagation delay time, low-to-high;
Small scale input signal (1)
Input overdrive = 5 mV,
Input step = 100 mV
3
μs
Note:
(1) High-to-low and low-to-high refer to the transition at the input.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com