Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA20903CS8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA20903CS8
Description  High Voltage, Dual Differential Comparator with Open-Drain Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA20903CS8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA20903CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA20903CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIA20903
Version 1.3, Jan 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
High Voltage, Dual Differential Comparator
with Open-Drain Output
Features
AEC-Q100 qualified:
−
Device ambient temperature:
−
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
−
-40°C ≤ TJ ≤ 150°C
Wide supply voltage range: 2.7 V to 36 V
Open drain output
Input offset voltage: ±4.5 mV (max.)
Common mode input voltage range:
−
V- to (V+) - 1.5 V
Low supply current: 125 μA (typ.) per channel
Low input bias current: 10 pA (typ.) at VCC = 5 V
and VCC = 12 V
Propagation delay time at VCC = 5 V, overdrive
= 5 mV:
−
2 μs (high-to-low)
−
2.3 μs (low-to-high)
Applications
Automotive
−
HEV/EV and power train
−
Infotainment and cluster
Body control module
Industrial appliance
Package Information
Part Number
Package
Body Size
DIA20903
SOIC-8
4.9 mm × 3.9 mm
DFN-8
2.0 mm × 2.0 mm
Description
The DIA20903 is a dual, high precision comparator
with open-drain output. The device operates over a
wide range of supply voltages from 2.7 V to 36 V, the
current drain is independent of the supply voltage.
The DIA20903 holds a lower input offset voltage
(VOS = ±3.5 mV at TA = 25°C), making it suitable for
applications requiring precision. Featuring an
open-drain output stage with an external pull-up
resistor, its output can be connected to other
open-drain outputs to achieve wired-AND logic
relationships.
The DIA20903 is available in the Green SOIC-8 and
DFN-8 packages. It is specified over ambient
temperature range of -40°C to 125°C, which meets
the requirements of automotive applications.
Simplified Schematic


Similar Part No. - DIA20903CS8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA20721 DIOO-DIA20721 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20721ST5 DIOO-DIA20721ST5 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722 DIOO-DIA20722 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722MP8 DIOO-DIA20722MP8 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
DIA20722SO8 DIOO-DIA20722SO8 Datasheet
1Mb / 15P
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Sep 2025
More results

Similar Description - DIA20903CS8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7112A NJRC-NJU7112A Datasheet
146Kb / 4P
C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
logo
Advanced Linear Devices
ALD2301A ALD-ALD2301A Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2331 ALD-ALD2331 Datasheet
75Kb / 8P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
logo
ON Semiconductor
NCS3402 ONSEMI-NCS3402 Datasheet
649Kb / 9P
Dual Nano-power Open Drain Output Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
General Purpose, Low Voltage Comparator with Open-Drain Output
logo
AiT Semiconductor Inc.
AO2903 AITSEMI-AO2903 Datasheet
511Kb / 10P
GENERAL-PURPOSE HIGH-VOLTAGE OPEN-DRAIN OUTPUT DUAL COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com