Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA1414CMP10 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1414CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1414CMP10 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1414CMP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
10
9.3.1.1. Interrupt mode
In the interrupt mode, the
_____
ALERT pin is asserted when any channel’s temperature measuring consecutively
out-of-limit (≥ High Limit or < Low Limit) conditions or fault conditions is detected for the programmed number of
times. The
_____
ALERT pin will remain asserted as long as an out-of-limit condition remains. Once the out-of-limit
condition has been removed, the
_____
ALERT pin will remain asserted until the appropriate status bits are cleared.
The appropriate status bits include External faults status, High Limit status and Low Limit status bits, all of which
are read clear. (see section 12.10)
The
_____
ALERT pin can be masked by setting the MASK_ALL bit or channel mask register. Once the
_____
ALERT pin
has been masked, it will be deasserted and remain deasserted until the MASK_ALL bit or channel mask register
is cleared by the user. No matter MASK_ALL bit or channel mask register is set or not, the status registers (see
section 12.2) will be updated normally.
The
_____
ALERT pin can be used as an interrupt signal or as an SMBus Alert signal, which allows an SMBus client
to report an error condition to the host. One or more
_____
ALERT outputs can be hard-wired together.
9.3.1.2. Comparator mode
In the comparator mode, the
_____
ALERT pin will be asserted if any of the measured temperature exceeds the
programmed High Limit for the programmed number of times in a consecutive measurements. The
_____
ALERT pin
will remain asserted until all the measured temperatures drop below the High Limit minus the Therm Hysteresis.
In the comparator mode, the
_____
ALERT pin cannot be masked by MASK_ALL bit or channel mask register. The
corresponding High Limit status bits will not be cleared until the
_____
ALERT pin is deasserted. Once the
_____
ALERT
pin is deasserted, the High Limit status bits will be automatically cleared.
9.3.2.
______
THERM pin
The output of the
______
THERM/ADDR pin cannot be masked. When the temperature of any channel is consecutively
detected exceeding the programmed Therm Limit for the programmed number of consecutive measurements,
the
______
THERM /ADDR pin will be asserted. And the
______
THERM /ADDR pin will remain asserted until the measured
temperatures that cause a thermal over-temperature event drop below the programmed Therm Limit minus the
Therm Hysteresis, and no other channel’s measured temperature consecutively detected exceeding the
programmed Therm Limit for the programmed number of consecutive measurements.
When the
______
THERM/ADDR pin is asserted, both the register Therm Limit Status bits (see section 12.8) and Status
bits (see section 12.2) will be set. These bits are not read clear and will only be clear when the
______
THERM/ADDR
pin is deasserted.
9.4. Open and short faults
Before monitoring the temperature on each external channel, the DIA1413/1414 check whether the BJT on the
external channel is properly connected to the DPx and DNx ports. The following two connections are considered
to be faults:
DP1 to DN1 or DP2 to DN2 (or DP2/DN3 to DN2/DP3 for DIA1414) is open;
DP1, or DP2, or DN2, or DN2 (or DP2/DN3 to DN2/DP3 for DIA1414) is short to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com