Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA1414CMP10 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1414CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1414CMP10 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1414CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1414CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
18
0Eh
R/W
External channel 1
Low Limit high byte
Stores the integer data of the Low Limit for external channel 1
(mirrored at register 08h)
00h
(0°C)
0Fh
W
One shot
A write to this register initiates a one shot update.
00h
10h
R
External channel 1
data low byte
Stores the fractional data for external channel 1
00h
11h
R/W
Scratchpad
Scratchpad register for software compatibility
00h
12h
R/W
Scratchpad
Scratchpad register for software compatibility
00h
13h
R/W
External channel 1
High Limit low byte
Stores the fractional data of the High Limit for external channel 1
00h
14h
R/W
External channel 1
Low Limit low byte
Stores the fractional data of the Low Limit for external channel 1
00h
15h
R/W
External channel 2
High Limit high byte
Stores the integer data of the High Limit for external channel 2
55h
(85°C)
16h
R/W
External channel 2
Low Limit high byte
Stores the integer data of the Low Limit for external channel 2
00h
(0°C)
17h
R/W
External channel 2
High Limit low byte
Stores the fractional data of the High Limit external channel 2
00h
18h
R/W
External channel 2
Low Limit low byte
Stores the fractional data of the Low Limit for external channel 2
00h
19h
R/W
External channel 1
Therm Limit
Stores the 8-bit temperature thermal limit for external channel 1
55h
(85°C)
1Ah
R/W
External channel 2
Therm Limit
Stores the 8-bit temperature thermal limit for external channel 2
55h
(85°C)
1Bh
R-C
External fault
Stores status bits indicating which external channel(s) detected a fault
00h
1Fh
R/W
Channel mask
Controls the masking of individual channels
00h
20h
R/W
Internal Therm Limit
Stores the 8-bit temperature thermal limit for the internal BJT
55h
(85°C)
21h
R/W
Therm Hysteresis
Stores the 8-bit hysteresis value that applies to all Therm Limit
0Ah
(10°C)
22h
R/W
Consecutive ALERT
Controls the number of out-of-limit conditions that must occur before an
interrupt is asserted
70h
23h
R
External channel 2
data high byte
Stores the integer data for external channel 2
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com