Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIA2240CTP8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2240CTP8
Description  Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2240CTP8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA2240CTP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DIA2240
Version 1.1, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
I
Voltage Output, Bidirectional, Zero-Drift Series
Current-Shunt Monitors with Enhanced PWM Rejection
Features
AEC-Q100 qualified
−
Device ambient temperature:
−
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
−
-40°C ≤ TJ ≤ 150°C
Enhanced PWM rejection
Wide supply range:
−
Single power supply: 2.7 V to 5.5 V
−
Common-mode range: -4 V to 110 V
Accuracy:
−
Low input offset voltage: ±5 µV (Typ)
−
Offset drift: 50 nV/°C (Typ)
−
Gain error: ±0.05%
−
Gain drift: ±0.5 ppm/°C (Typ)
Unity gain bandwidth:
−
400 kHz (DIA2240A)
−
360 kHz (DIA2240B)
−
360 kHz (DIA2240C)
Choice of gain:
−
DIA2240A: 20 V/V
−
DIA2240B: 50 V/V
−
DIA2240C: 100 V/V
−
DIA2240D: 200 V/V
Input voltage noise: 50 nV/√Hz
Applications
Electronic power steering
Stability and traction control
Motor and actuator control
Solenoid and valve control
Package Information
Part Number
Package
Body Size
DIA2240
TSSOP-8
4.4 mm × 3.0 mm
SOIC-8
3.9 mm × 4.9 mm
Description
The DIA2240 device is an automotive qualified
voltage output and current sense amplifier with
enhanced PWM rejection. The device sense drops
across the shunt resistor over a wide common-mode
voltage range of -4 V to 110 V independent of the
operating supply. The device achieves ultra-high
precision current measurement accuracy under the
combination of features such as an ultra-low offset
voltage, a small gain error, and a high DC CMRR.
The enhanced PWM rejection function provides a
high level of suppression of large common-mode
transients (ΔV/Δt) in systems that use pulse width
modulation (PWM) signals. With this feature, the
DIA2240 minimizes output interference and ringing
during common-mode conversion. The device
operates from a single power supply from 2.7 V to 5.5
V and consumes a low supply current. Four fixed
gains are available: 20 V/V, 50 V/V, 100 V/V, and 200
V/V.
The DIA2240 is available in TSSOP8 and SOIC-8
package. It is specified over ambient temperature
range of -40°C to 125°C, which meets the
requirements of automotive applications.
Simplified Schematic


Similar Part No. - DIA2240CTP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA2210MP8 DIOO-DIA2210MP8 Datasheet
960Kb / 15P
75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference
Sep 2024
DIA2211MP8 DIOO-DIA2211MP8 Datasheet
960Kb / 15P
75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference
Sep 2024
DIA2212MP8 DIOO-DIA2212MP8 Datasheet
960Kb / 15P
75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference
Sep 2024
DIA221X DIOO-DIA221X Datasheet
960Kb / 15P
75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference
Sep 2024
More results

Similar Description - DIA2240CTP8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA210 TI-INA210_15 Datasheet
1Mb / 37P
INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
Zero-Drift Series, Current-Shunt Monitors
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com