Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB2 Datasheet(PDF) 67 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 67 Page - ABB

Back Button OPB2 Datasheet HTML 63Page - ABB OPB2 Datasheet HTML 64Page - ABB OPB2 Datasheet HTML 65Page - ABB OPB2 Datasheet HTML 66Page - ABB OPB2 Datasheet HTML 67Page - ABB OPB2 Datasheet HTML 68Page - ABB OPB2 Datasheet HTML 69Page - ABB OPB2 Datasheet HTML 70Page - ABB OPB2 Datasheet HTML 71Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Modular and flexible design
Manual operation
IEC
OT160EV
OT315E
OT630E
OT200E
OT400E
OT800E
OT250E
UL 98 file # E101914,
CSA C2.22 No.4
OT200U
OT400U
OT600U
Switch size
160 A
200 A
250 A
200 A
315 A
400 A
400 A 600 A
630 A 800 A
IEC
Ith
160 A
200 A
250 A
315 A
400 A
630 A
800 A
le /AC22A, 415 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
le /AC23A, 415 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
UL/CSA Ampere rating
20 A
30 A
40 A
200 A
400 A
600
Manual operation
IEC
OT1000E
OT2000E
OT3200E
OT1600E
OT2500E
OT4000E
UL 98 file # E101914,
CSA C2.22 No.4
OT800U
OT1600U
OT1200U
OT2000U
Switch size
800 A 1000 A 1200 A 1250 A 1600 A
800 A
1200 A
1600 A
2000 A
2000 A
2500 A
3200 A
4000 A
IEC
Ith
1000 A
1250 A 1600 A
2000 A
2500 A
3200 A
4000 A
le /AC22A, 415 V
1000 A
1250 A 1600 A
2000 A
2500 A
le /AC23A, 415 V
1000 A
1250 A 1600 A
UL/CSA Ampere rating
800 A
1200 A
800 A
1200 A
1600 A
2000 A
Accessories for manual switch-disconnectors OT160...4000 include:
– Handles
– Shafts
– Auxiliary contacts
– Fourth poles
– N terminals
– Terminal shrouds
– Mounting accessories
– Terminal clamps
– Conversion kits
– Locking accessories
– Mechanical interlocks
– Electrical interlocks
Please note that listed accessories are not automatically included in your order.
Ordering information for accessories from page 121-124, 127-130, 133-139 and 142-145.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
67
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com