Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB2 Datasheet(PDF) 86 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 86 Page - ABB

Back Button OPB2 Datasheet HTML 82Page - ABB OPB2 Datasheet HTML 83Page - ABB OPB2 Datasheet HTML 84Page - ABB OPB2 Datasheet HTML 85Page - ABB OPB2 Datasheet HTML 86Page - ABB OPB2 Datasheet HTML 87Page - ABB OPB2 Datasheet HTML 88Page - ABB OPB2 Datasheet HTML 89Page - ABB OPB2 Datasheet HTML 90Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
—
Front operated non-fusible disconnect switches, base mounting, UL/CSA
Handle and shaft need to be ordered separately. Terminal bolts are included.
Number
of poles
Ampere
rating,
600 V AC
Horsepower rating
3-phase
Type
Order code
Weight/
unit
240 V AC 480 V AC 600 V AC
A
HP
HP
HP
kg
lb
Handle (NEMA 1, 3R, 12, IP65) and shaft have to be ordered separately
3
200
75
150
200
OT200U03
1SCA022723R0220
1.6
3.5
4
200
75
150
200
OT200U04
1SCA022723R0490
2.0
4.4
3
200
75
150
200
OT200U12
1SCA022752R1890
1.6
3.5
4
200
75
150
200
OT200U22
1SCA022741R8960
2.0
4.4
3
400
125
250
350
OT400U03
1SCA022747R6490
3.0
6.6
4
400
125
250
350
OT400U04
1SCA022748R1060
3.6
7.9
3
400
125
250
350
OT400U12
1SCA022754R6450
3.0
6.6
4
400
125
250
350
OT400U22
1SCA022762R7110
3.6
7.9
3
600
200
450
500
OT600U03
1SCA022798R0730
6.2
13.7
4
600
200
450
500
OT600U04
1SCA022800R1750
7.5
16.5
3
600
200
450
500
OT600U12
1SCA022800R1830
6.2
13.7
4
600
200
450
500
OT600U22
1SCA022800R2130
7.5
16.5
3
800
250
500
500
OT800U03
1SCA105635R1001
18
39.7
4
800
250
500
500
OT800U04
1SCA105636R1001
21
46.3
3
800
250
500
500
OT800U12
1SCA105637R1001
18
39.7
4
800
250
500
500
OT800U22
1SCA105639R1001
21
46.3
3
1200
-
-
OT1200U03
1SCA022860R6820
18
39.7
4
1200
-
-
OT1200U04
1SCA022860R7040
21
46.3
3
1200
-
-
OT1200U12
1SCA105659R1001
18
39.7
4
1200
-
-
OT1200U22
1SCA105663R1001
21
46.3
2
1600
OT1600U02
1SCA144197R1001
37
81.6
3
1600
OT1600U03
1SCA144198R1001
52
114.6
4
1600
OT1600U04
1SCA144199R1001
69
152.1
3
1600
OT1600U12
1SCA144200R1001
52
114.6
4
1600
OT1600U13
1SCA144201R1001
69
152.1
4
1600
OT1600U22
1SCA144202R1001
69
152.1
2
2000
OT2000U02
1SCA144203R1001
37
81.6
3
2000
OT2000U03
1SCA117313R1001
52
114.6
4
2000
OT2000U04
1SCA117316R1001
69
152.1
3
2000
OT2000U12
1SCA117332R1001
52
114.6
4
2000
OT2000U13
1SCA117336R1001
69
152.1
4
2000
OT2000U22
1SCA117334R1001
69
152.1
Approvals:
UL 98, CSA 22-2 No. 4
IEC 60947-3
CCC, EAC
—
Recommended shafts and handles
Suitable for switches
Shaft
Handle
Terminal bolt kits
included
OT200U_
OXP6X210
OHB65J6
M8x25
OT400U_
OXP12X185
OHB95J12
M10x30
OT600U_
OXP12X185
OHB125J12
M12x40
OT800...2000U_
OXP12X280
OHB274J12
M12X60
—
Manual switch-disconnectors OT200...2000, UL
Ordering information for non-fusible disconnect switches
OT800...1200U03P
OT200U03P
OT400U03P
OT600U04P
OT1600...2000U03
OT1600...2000U04
86
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
86
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com