Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 2 Page - STMicroelectronics

  M29F400 Datasheet HTML 1Page - STMicroelectronics M29F400 Datasheet HTML 2Page - STMicroelectronics M29F400 Datasheet HTML 3Page - STMicroelectronics M29F400 Datasheet HTML 4Page - STMicroelectronics M29F400 Datasheet HTML 5Page - STMicroelectronics M29F400 Datasheet HTML 6Page - STMicroelectronics M29F400 Datasheet HTML 7Page - STMicroelectronics M29F400 Datasheet HTML 8Page - STMicroelectronics M29F400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A8
A9
DQ13
A17
A10
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
NC
NC
AI01727B
M29F400T
M29F400B
(Normal)
12
1
13
24
25
36
37
48
DQ8
NC
NC
A1
NC
A4
A5
DQ1
DQ11
G
A12
A13
A16
A11
BYTE
A15
A14
VSS
E
A0
RP
VSS
Figure 2A. TSOP Pin Connections
G
DQ0
DQ8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
DQ7
A12
A16
BYTE
DQ15A–1
DQ5
DQ2
DQ3
VCC
DQ11
DQ4
DQ14
A9
W
RB
A4
NC
RP
A7
AI01729B
M29F400T
M29F400B
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
DQ1
DQ9
A6
A5
DQ6
DQ13
44
39
38
37
36
35
34
33
A11
A10
DQ10
21
DQ12
40
43
1
42
41
A17
A8
Figure 2C. SO Pin Connections
DQ3
DQ9
DQ2
DQ0
DQ6
DQ13
DQ14
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
DQ7
AI01728B
M29F400T
M29F400B
(Reverse)
12
1
13
24
25
36
37
48
DQ8
DQ1
DQ11
A16
BYTE
VSS
A0
VSS
A6
A3
A8
A9
A17
A10
A2
A7
NC
NC
NC
NC
A1
NC
A4
A5
A12
A13
A11
A15
A14
RP
W
RB
G
E
Figure 2B. TSOP Reverse Pin Connections
A0-A17
Address Inputs
DQ0-DQ7
Data Input/Outputs, Command Inputs
DQ8-DQ14
Data Input/Outputs
DQ15A–1
Data Input/Output or Address Input
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset / Block Temporary Unprotect
RB
Ready/Busy Output
BYTE
Byte/Word Organisation
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
Warning: NC = Not Connected.
Warning: NC = Not Connected.
Warning: NC = Not Connected.
2/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com