Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 3 Page - STMicroelectronics

  M29F400 Datasheet HTML 1Page - STMicroelectronics M29F400 Datasheet HTML 2Page - STMicroelectronics M29F400 Datasheet HTML 3Page - STMicroelectronics M29F400 Datasheet HTML 4Page - STMicroelectronics M29F400 Datasheet HTML 5Page - STMicroelectronics M29F400 Datasheet HTML 6Page - STMicroelectronics M29F400 Datasheet HTML 7Page - STMicroelectronics M29F400 Datasheet HTML 8Page - STMicroelectronics M29F400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
(3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltages
–0.6 to 7
V
VCC
Supply Voltage
–0.6 to 7
V
V(A9, E, G, RP)
(2)
A9, E, G, RP Voltage
–0.6 to 13.5
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns.
3. Depends on range.
Table 2. Absolute Maximum Ratings (1)
graming and erase on programming equipment,
and temporarily unprotected to make changes in
the application.
Instructions for Read/Reset, Auto Select for read-
ing the Electronic Signature or Block Protection
status, Programming, Block and Chip Erase, Erase
Suspend and Resume are written to the device in
cyclesof commands to a CommandInterface using
standard microprocessor write timings.
The device is offered in TSOP48 (12 x 20mm) and
SO44 packages. Both normal and reverse pinouts
are available for the TSOP48 package.
Organisation
The M29F400 is organised as 512K x8 or 256K x16
bits selectable by the BYTE signal. When BYTE is
Low the Byte-wide x8 organisation is selected and
the address lines are DQ15A–1 and A0-A17. The
Data Input/Output signal DQ15A–1 acts as ad-
dress line A–1 which selects the lower or upper
Byte of the memory word for output on DQ0-DQ7,
DQ8-DQ14 remain at High impedance. When
BYTE is High the memory uses the address inputs
A0-A17 and the Data Input/Outputs DQ0-DQ15.
Memory control is provided by Chip Enable E,
Output Enable G and Write Enable W inputs.
A Reset/Block Temporary Unprotection RP tri-level
input provides a hardware reset when pulled Low,
and when held High (at VID) temporarily unprotects
blocks previously protected allowing them to be
programed and erased. Erase and Program opera-
tions are controlled by an internal Program/Erase
Controller (P/E.C.). Status Register data output on
DQ7 provides a Data Polling signal, and DQ6 and
DQ2 provide Toggle signals to indicate the state of
the P/E.C operations. A Ready/Busy RB output
indicates the completion of the internal algorithms.
Memory Blocks
The devices feature asymmetrically blocked archi-
tecture providing system memory integration. Both
M29F400T and M29F400B devices have an array
of 11 blocks, one Boot Block of 16 KBytes or 8
KWords, two Parameter Blocks of 8 KBytes or 4
KWords, one Main Block of 32 KBytes or 16
KWords and seven Main Blocks of 64 KBytes or 32
KWords. The M29F400T has the Boot Block at the
top of the memory address space and the
M29F400B locates the Boot Block starting at the
bottom. The memory maps are showed in Figure
3. Each block can be erased separately, any com-
bination of blocks can be specified for multi-block
erase or the entire chip may be erased. The Erase
operations are managed automatically by the
P/E.C. The block erase operation can be sus-
pended in order to read from or program to any
block not being ersased, and then resumed.
Block protection provides additional data security.
Each block can be separately protected or unpro-
tected against Program or Erase on programming
equipment. All previously protected blocks can be
temporarily unprotected in the application.
Bus Operations
The following operations can be performed using
the appropriate bus cycles: Read (Array, Electronic
Signature, Block Protection Status), Write com-
mand, Output Disable, Standby, Reset, Block Pro-
t ec t i on, Unpr ot ec t ion, Prot ect i on Veri f y,
Unprotection Verify and Block Temporary Unpro-
tection. See Tables 4 and 5.
DESCRIPTION (Cont’d)
3/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com