Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP2325AS23RG Datasheet(PDF) 6 Page - Alfa-MOS Technology Corporation

Part # AFP2325AS23RG
Description  100V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation

AFP2325AS23RG Datasheet(HTML) 6 Page - Alfa-MOS Technology Corporation

  AFP2325AS23RG Datasheet HTML 1Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 2Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 3Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 4Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 5Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 6Page - Alfa-MOS Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AFP2325A
100V P-Channel
Alfa-MOS
Technology
Enhancement Mode MOSFET
©Alfa-MOS Technology Corp.
www.alfa-mos.com
Rev.B Jan. 2018
Page 6
Package Information ( SOT-23 )
©2010 Alfa-MOS Technology Corp.
2F, No.80, Sec.1, Cheng Kung Rd., Nan Kang Dist., Taipei City 115, Taiwan (R.O.C.)
Tel : 886 2) 2651 3928
Fax : 886 2) 2786 8483
©http://www.alfa-mos.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com