Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP2325AS23RG Datasheet(PDF) 1 Page - Alfa-MOS Technology Corporation

Part # AFP2325AS23RG
Description  100V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation

AFP2325AS23RG Datasheet(HTML) 1 Page - Alfa-MOS Technology Corporation

  AFP2325AS23RG Datasheet HTML 1Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 2Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 3Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 4Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 5Page - Alfa-MOS Technology Corporation AFP2325AS23RG Datasheet HTML 6Page - Alfa-MOS Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AFP2325A
100V P-Channel
Alfa-MOS
Technology
Enhancement Mode MOSFET
©Alfa-MOS Technology Corp.
www.alfa-mos.com
Rev.B Jan. 2018
Page 1
General Description
Features
AFP2325A, P-Channel enhancement mode
MOSFET, uses Advanced Trench Technology
to provide excellent RDS(ON), low gate charge.
These devices are particularly suited for low
voltage power management, and low in-line
power loss are needed in commercial industrial
surface mount applications.
-100V/-1.0A,RDS(ON)=600mΩ@VGS=-10V
-100V/-0.5A,RDS(ON)=650mΩ@VGS=-4.5V
Super high density cell design for extremely
low RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23 package design
Pin Description ( SOT-23 )
Application
Active Clamp Circuits in DC/DC Power Supplies
Pin Define
Pin
Symbol
Description
1
G
Gate
2
S
Source
3
D
Drain
Ordering Information
Part Ordering No.
Part
Marking
Package
Unit
Quantity
AFP2325AS23RG
25YW
SOT-23
Tape & Reel
3000 EA
※
25
parts code
※
Y
year code ( 0 ~ 9 )
※
W
week code ( A ~ Z = 1 ~ 26 / a ~ z = 27 ~ 52 )
※ AFP2325AS23RG : 7” Tape & Reel ; Pb- Free ; Halogen –Free


Similar Part No. - AFP2325AS23RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AFP2307AS23RG VBSEMI-AFP2307AS23RG Datasheet
1,023Kb / 9P
P-Channel 20-V (D-S) MOSFET
AFP2319AS23RG VBSEMI-AFP2319AS23RG Datasheet
808Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - AFP2325AS23RG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com