Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAJS Datasheet(PDF) 11 Page - CellWise Microelectronics

Part # CW1073AAJS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAJS Datasheet(HTML) 11 Page - CellWise Microelectronics

Back Button CW1073AAJS Datasheet HTML 7Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 8Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 9Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 10Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 11Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 12Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 13Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 14Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 15Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Functional Description
Normal state
Time (TODR).
Overcurrent status
Over discharge state
CW1073
Temperature protection function
The DO_PWM terminal outputs a low level to turn off the discharge MOSFET and stop discharging. Over-discharge protection
release conditions: VM terminal voltage is
lower than 2V (load release), all battery voltages are higher than the over-discharge release voltage (VODR) and maintain for more than the over-discharge release delay time.
The terminal outputs a high impedance state to turn off the charging MOSFET and stop charging.
Under normal conditions, if the voltage of any battery cell is higher than the overcharge detection voltage (VOC) and exceeds the overcharge protection delay time (TOC), CO
CW1073 has three levels of built-in overcurrent detection, overcurrent 1, overcurrent 2 and short circuit protection.
Protection mechanism: The voltage of the current sampling resistor on the main circuit is detected through the CS terminal to determine whether CW1073 enters the corresponding overcurrent protection state.
Taking
overcurrent 1 protection as an example, the discharge current changes with the external load. If the CS terminal detects that the voltage on the current sampling resistor is higher than the overcurrent 1 protection
threshold (VEC1) and maintains more than the overcurrent 1 protection delay time (TEC1), the DO terminal and DO_PWM terminal output low level to turn off the discharge MOSFET and stop discharging. Overcurrent
protection release condition: The VM terminal
voltage is lower than 2V (load release) and
exceeds the overcurrent release delay time (TECR), and the overcurrent protection is released.
(TRESET), the accumulated overcharge delay time (TOC) is reset. Otherwise, the drop in battery voltage is considered as irrelevant interference and is shielded.
After the charging temperature protection, the charging MOSFET is turned off and charging stops; After
the discharging temperature protection, the discharging MOSFET is turned off and discharging stops;
Charging temperature protection release
condition: The temperature returns to within the charging release temperature, and the time exceeds the charging temperature release delay, the charging temperature
protection is released. Discharging temperature
protection release condition: 1. The chip has a temperature protection recovery load lock function: The VM terminal voltage is lower than 2V (load release), the temperature returns to within the discharge release
temperature, and the time exceeds the discharge temperature release delay, the discharge temperature protection is
released. 2. The chip does not have a temperature protection recovery load lock function: The temperature returns to within the discharge release temperature, and the time exceeds the discharge temperature release delay.
During the overcharge protection delay time (TOC), if the detected battery voltage is lower than the overcharge detection voltage (VOC) for a period longer than the overcharge reset delay time
CW1073 uses an NTC resistor to achieve charge and discharge over-temperature protection and charge and discharge low-temperature protection functions. The ROT and RUT terminals detect the
NTC resistor voltage. If the detection voltage reaches the internal comparison threshold and maintains the charge and discharge temperature protection delay time, the temperature protection function is triggered.
© 2017-2019 Cellwise Microelectronics
Under normal conditions, if the voltage of any battery is lower than the over-discharge protection voltage (VOD) and exceeds the over-discharge protection delay time (TOD), the DO terminal
Overcharge protection release condition:
All battery voltages are lower than the overcharge release voltage (VOCR) and exceed the overcharge release delay time (TOCR).
When the discharge temperature protection is
released. Over-temperature threshold
setting steps 1. Select the NTC resistor. The recommended NTC resistor model for CW1073 is: 103AT, B=3435;
11
When the terminal voltage is lower than the overcurrent detection voltage (VEC1), CW1073 is in normal working state. Overcharge state
All battery voltages are between the overcharge detection voltage (VOC) and the overdischarge detection voltage (VOD), the battery temperature is within the operating range, and CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com