Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAJS Datasheet(PDF) 13 Page - CellWise Microelectronics

Part # CW1073AAJS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAJS Datasheet(HTML) 13 Page - CellWise Microelectronics

Back Button CW1073AAJS Datasheet HTML 9Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 10Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 11Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 12Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 13Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 14Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 15Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 16Page - CellWise Microelectronics CW1073AAJS Datasheet HTML 17Page - CellWise Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
If the SEL terminal is connected to the ground with a resistor in series, the number of battery strings protected by CW1073 is 6. When 6 battery strings are used, the VC7 terminal and the VC6 terminal are shorted.
13
The VDD voltage of CW1073 is higher than the 0V charging start voltage (VOV), a charger is connected and the charger output voltage is higher than the charging MOSFET
If the SEL terminal is left unconnected, the number of battery strings protected by CW1073 is 7;
Level time.
The delay time refers to the time from when CW1073 detects that the voltage reaches the set protection threshold to when CW1073 drives the CO or DO terminal to output high or low.
In the application of charging and discharging at the same port, the battery pack is in the overcharge and charging temperature protection state. If the CS terminal detection voltage is higher than
3.5mV and the discharge state detection delay (TDCH) continues , the battery pack is considered to be in the discharge state, and the CO terminal outputs a low level to turn on the charging MOSFET.
When the internal protection state of the CW1073 chip occurs, such as over-discharge, over-current, discharge over-temperature and disconnection protection, the chip protection action will be
executed first.
The SEL terminal is the battery series number selection terminal, which can be used to select the number of batteries connected in series.
The overcurrent 1 and overcurrent 2 protections of CW1073 can be set with external capacitors to set the delay time.
CW1073 includes disconnection detection and protection functions.
Under normal conditions, when the detection line of any battery in the battery pack is disconnected and maintained for more than the disconnection detection delay (TOW), the DO terminal
and DO_PWM terminal output low level to turn off the discharge MOSFET; CO output high impedance to turn off the charging MOSFET; CW1073 enters the disconnection protection state. Conditions
for releasing the
disconnection protection state: VM terminal
voltage is lower than 2V (load release), the detection line is reconnected, and maintained for more than the disconnection release delay (TOWR), the disconnection protection state is released.
CW1073 has built-in MOS drive function, supports external PWM signal to control DO_PWM terminal output through DCTRL terminal, DCTRL terminal input voltage is higher than 2.5V,
DO_PWM terminal outputs low level; DCTRL terminal input voltage is lower than 1V, DO_PWM terminal outputs high level. When external signal is not needed to control DO_PWM terminal, DCTRL
terminal series resistor is grounded;
© 2017-2019 Cellwise Microelectronics
CW1073 supports the battery 0V charging function, that is, when the battery voltage is lower than the normal operating voltage of the chip, the battery pack can be charged normally.
catch;
0V
charging (allowed)
The battery pack starts charging after the threshold
is turned on. Delay time setting
Line break protection function
CW1073
String number selection
Discharge status detection function
PWM
control drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com