Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TLC271CS-13
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271CS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  TLC271CS-13 Datasheet HTML 1Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 2Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 3Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 4Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 5Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 6Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 7Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 8Page - Diodes Incorporated TLC271CS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
1 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Description
The TLC271 operational amplifier combines a wide range of input
offset voltage grades with low offset voltage drift and high input
impedance. In addition, the TLC271 offers a bias-select mode that
allows the user to select the best combination of power
dissipation and AC performance for a particular application.
Using the bias-select option, these devices can be programmed
to fit a wide range of applications. Three offset voltage grades are
available, ranging from the low-cost TLC271 (10mV) to the
TLC271B (2mV) low-offset version. The devices are offered in
both commercial and industrial operating temperature ranges.
The extremely high input impedance and low bias currents, in
conjunction with good common-mode and supply voltage rejection
make these devices an excellent choice for high performance
designs.
The devices also feature low-voltage single-supply operation with
a common-mode input voltage range which includes the negative
rail.
Features
Wide range of supply voltages over specified temperature
range:
0°C to 70°C . . . 3 V to 16 V
-40°C to 85°C . . . 4 V to 16 V
Single-Supply Operation
Common-Mode Input Voltage Range
Extends Below the Negative Rail
Low Noise:
20 nV/
√Hz Typical @ f = 1kHz
(High-Bias Mode)
Output Voltage Range Includes Negative Rail
High Input Impedance
ESD-Protection Circuitry
Designed-In Latch-Up Immunity
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
2
3
4
5
6
7
8
(Top View)
1IN+
2IN-
Vcc+
1OUT
2IN+
Vcc-
1IN-
2OUT
SO-8
OFFSET N1
IN-
IN+
GND
BIAS SELECT
V
DD
OUT
OFFSET N2
Applications
With the programmability options of the TLC271, a designer can
choose a very low current option allowing for extended battery life or
choose a higher current option for more performance. It is possible to
switch performance modes as the application demands change.
The TLC271 is well suited for many consumer audio, industrial and
other low power applications.
Audio
Microphone Preamplifier
Filtering
– Equalizers
Signal Amplification
Industrial
Power Supply
Instrumentation
Metering
Medical
Portable Meters and Measurement
Instrumentation


Similar Part No. - TLC271CS-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271CD TI-TLC271CD Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CD TI-TLC271CD Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CD TI-TLC271CD Datasheet
1Mb / 83P
LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271CD TI-TLC271CD Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271CDG4 TI-TLC271CDG4 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC271CS-13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
168Kb / 15P
PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
Oct-1997
UA776 STMICROELECTRONICS-UA776 Datasheet
99Kb / 8P
PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
Dec-1997
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
1.4MHz, Low Power CMOS Operational Amplifiers
April 26, 2007
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com