Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33883 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33883 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33883
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage 1
VCC
-0.3 to 65
V
Supply Voltage 2 (1)
VCC2
-0.3 to 35
V
Linear Regulator Output Voltage
VLR_OUT
-0.3 to 18
V
High-Side Floating Supply Absolute Voltage
VCP_OUT
-0.3 to 65
V
High-Side Floating Source Voltage
VSRC_HS
-2.0 to 65
V
High-Side Source Current from CP_OUT in Switch ON State
IS
250
mA
High-Side Gate Voltage
VGATE_HS
-0.3 to 65
V
High-Side Gate Source Voltage (2)
VGATE_HS -
VSRC_HS
-0.3 to 20
V
High-Side Floating Supply Gate Voltage
VCP_OUT -
VGATE_HS
-0.3 to 65
V
Low-Side Gate Voltage
VGATE_LS
-0.3 to 17
V
Wake-Up Voltage
VG_EN
-0.3 to 35
V
Logic Input Voltage
VIN
-0.3 to 10
V
Charge Pump Capacitor Voltage
VC1
-0.3 to VLR_OUT
V
Charge Pump Capacitor Voltage
VC2
-0.3 to 65
V
ESD Voltage (3)
Human Body Model on All Pins (VCC and VCC2 as Two Power
Supplies)
Machine Model
VESD1
VESD2
±1500
±130
V
Notes
1.
VCC2 can sustain load dump pulse of 40 V, 400 ms, 2.0 .
2.
In case of high current (SRC_HS>100 mA) and high voltage (>20 V) between GATE_HSX and SRC_HS an external zener of 18 V is
needed as shown in Figure 14.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 ), ESD2 testing is performed in
accordance with the Machine Model (CZAP=200 pF, RZAP=0 ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com