Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HARDSOFTSEAT Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # HARDSOFTSEAT
Description  Hard & Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

HARDSOFTSEAT Datasheet(HTML) 1 Page - NOSHOK, INC.

  HARDSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
74
• Designed for use with differential pressure transmitters in liquid
level applications
• Available in either single flange or double flange connection for
direct installation
• 100% helium leak tested to 1 x 10-4 ml/s for performance and reliability
• 2120 Series valves also feature a replaceable Acetalseat, and
straight through porting for bidirectional, high capacity flow and easy
roddable cleaning
• Blow-out proof stem provides a secondary stem seal in the full
open position
• FKM o-ring seal and PTFE back-up ring below the stem threads to protect
from corrosion and galling; PTFE or Graphite packing optional
• All stem threads are rolled for strength and ease of operation
• One-piece bonnet with a metal-to-metal seal to the valve body below
the bonnet threads
• Slotted spring pin to prevent accidental loosening
• Color coded vinyl dust caps for bonnets and stems (non-packing)
2020/2120
2020/2120 SERIES
Hard & Soft Seat
Manifold V alves, 2-V alve Liquid Level
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Materials
Zinc-Nickel plated Steel,
electropolished 316 Stainless Steel*
Connections
Flange-flange, 1/2" NPT-flange
Pressure
Hard seat: 10,000 psi @ 200 °F
ratings**
Soft seat: 6,000 psi @ 200 °F
Orifice size
0.187"
Flow coefficient
Hard seat: CV 0.44
Soft seat: CV 0.76
Stem seal & type
All 316 Stainless Steel stems with FKM o-ring and
PTFE back-up ring below the threads, PTFE or
Graphite packing optional
Options
Panel mountings, o-ring materials, handles,
packings, regulating stem and stem tips
Weight
Approximately 5.5 lb.
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
** If a packing option is chosen, maximum pressure rating is 6,000 psi.
Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid"
chart at the back of this catalog.
Flow Schematic
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472


Similar Part No. - HARDSOFTSEAT

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
HARDSEATSOFTSEAT NOSHOK-HARDSEATSOFTSEAT Datasheet
2Mb / 6P
Hard Seat & Soft Seat
HARDSEATSOFTSEATTIP NOSHOK-HARDSEATSOFTSEATTIP Datasheet
3Mb / 10P
Hard Seat & Soft Seat/Tip
More results

Similar Description - HARDSOFTSEAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3001 ETC2-K3001 Datasheet
262Kb / 1P
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com