Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HARDSOFTSEAT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # HARDSOFTSEAT
Description  Hard & Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

HARDSOFTSEAT Datasheet(HTML) 2 Page - NOSHOK, INC.

  HARDSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. HARDSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
75
2020/2120
2020/2120 SERIES
Series....................................................2-valve
Seat...................................................Hard seat
Process type..................................Liquid level
Connection.......... 1/2" NPT standard or flange
Valve type........................Flange-female, Steel
2 0 2 0 – MFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these manifold valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 2020-MFC-P1)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
NOTE 3: The standard o-ring in all the NOSHOK manifold valves is FKM and T1 hard non-rotating (316SS) stem tip is the only option
available on the 2120 Series soft seat version.
* Other o-ring materials available on request.
** For 2020 Series only.
*** For 2120 Series only.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 2020-MFC will
be Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
Series............................................................................ 2-valve
Seat........................................................................... Hard seat
Process type..........................................................Liquid level
Connection.................................. 1/2" NPT standard or flange
Valve type................................................Flange-female, Steel
Packing............................................................................PTFE
Stem tip ................................................................Non-rotating
2 0 2 0 – MFC – P1 – T1
EXAMPLE with Additional Options
2020/2120
2020/2120 SERIES ORDERING
INFORMATION
† If a packing option is chosen, maximum pressure rating is 6,000 psi. Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid" chart at
the back of this catalog.
SERIES
2 2-valve
SEATS
0 Hard seat
1 Soft seat
PROCESS TYPE
2 Liquid level
CONNECTIONS
0 1/2" NPT standard or flange
VALVE TYPES
MFC Flange-Female, Steel
MFS Flange-Female, Stainless Steel
MMC Flange-Flange, Steel
MMS Flange-Flange, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
SOFT SEATS
PK1 PEEK***
KF1 PCTFE***
PACKINGS†
P1 PTFE
P2 Graphite**
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)**
T8 Ball (Monel)**
T5 Ball (440C Stainless)**
T7 Ball (ceramic)**
T9 Non-rotating regulating (316 Stainless)**
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
HANDLES
HL1 1-13/16" Mini “T”
HL4 1-3/8" Phenolic
HL3 1" Round knurled
HL5 1-3/4" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com