Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3000 Datasheet(PDF) 8 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 8 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
8
TOKYO KEISO CO., LTD.
●External tube type (flange connection)
●Internal tube/large-flow type (screw connection)
●Internal tube/large-flow type (flange connection)
49
105
65
219
(79)
(53)
46
49
105
65
219
43
46
49
105
65
219
Thread size
3/8
1/2
3/4
L(mm)
230
265
245
Approx. mass(kg) 2.2
2.4
2.4
Note: A gas damper cannot be used with
this type. The AM7000 series is
recommended.
Note: Thread size of the upper side: Rc
3/8, bottom side: Rc 3/4
Flange size
(mm)
10
15
20
25
Approx. mass
(kg) [JIS 10K]
2.8
2.9
3.2
4.0
Note: Thread size of the body: Rc 3/8
Flange size (mm)
15
20
25
Approx. mass (kg)
[JIS 10K]
3.4
3.7
4.5
Note: A gas damper cannot be used with
this type. The AM7000 series is
recommended.
Note: Thread size of the upper side: Rc 3/8,
bottom side: Rc 3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com