Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3000 Datasheet(PDF) 9 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 9 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
TOKYO KEISO CO., LTD.
9
AM3□□□/□1/□E (FLAMEPROOF TYPE)
Models with an optional function of current transmission or current transmission+HART® communication satisfy flameproof specifications.
Please choose an appropriate class in each standard.
Ex type
Class
Fluid temperature
Ambient temperature
TIIS
Ex dⅡC T4
− 20 to + 135℃
− 20 to + 55℃
NEPSI
Flameproof
 Ex dbⅡC T3 ... T6 Gb
Dust explosion-proof
 Ex tb Ⅲ C T85℃ Db
T3:up to + 150℃
T4:up to + 135℃
T5:up to + 100℃
T6:up to + 85℃
− 20 to + 60℃
ATEX
Flameproof
 Ⅱ2G Ex dbⅡC T6 ... T3 Gb
Dust explosion-proof
 Ⅱ2D Ex tb Ⅲ C T85℃ Db
KOSHA
 Ex dⅡC T6 ... T3
IEC-Ex
Flameproof
 Ex dbⅡC T6 ... T3 Gb
Dust explosion-proof
 Ex tb Ⅲ C T85℃ Db
Note: Use a cable gland as shown below for the TIIS flameproof type.
● Cable gland for the TIIS flameproof type (EXPC-16B by Shimada Electric Co.)
M20×1.5
(Indicator side)
M20×1.5 or G1/2 or NPT1/2
Applicable cable diameter: 6 mm to 12 mm
(Standard: 10 mm to 12 mm)
AM3□□□/□1/□I (INTRINSICALLY SAFE TYPE)
Models with an optional function of current transmission or current transmission+HART® communication satisfy intrinsically safe
specifications. Please choose an appropriate class in each standard.
Ex type
Class
Fluid temperature
Ambient temperature
TIIS
Ex iaⅡC T4
Internal tube type : up to + 150ºC
External tube type: up to + 165ºC
− 20 to + 60℃
NEPSI
 Ex iaⅡC T1 ... T6 Gb
Internal tube type (T3 ... T6): up to + 150ºC
External tube type (T1 ... T6): up to + 430ºC
− 20 to + 60℃
ATEX
Intrinsically safe
 Ⅱ2G Ex iaⅡC T3/T4 Gb
Dust explosion-proof
 Ⅱ2D Ex ia Ⅲ C T150℃ Db
Intrinsically safe
Internal tube type (T4): up to + 150ºC
External tube type (T4): up to + 165ºC
(T3): up to + 200ºC
Dust explosion-proof
Internal tube type : up to + 150ºC
External tube type: up to + 200ºC
Intrinsically safe
 − 20 to + 60℃
Dust explosion-proof
 − 20 to + 50℃
KOSHA
 Ex iaⅡC T3/T4
Internal tube type (T4): up to + 150ºC
External tube type (T4): up to + 165ºC
(T3): up to + 200ºC
− 20 to + 60℃
IEC-Ex
Intrinsically safe
 Ex iaⅡC T3/T4 Gb
Dust explosion-proof
 Ex ia Ⅲ C T150℃ Db
Intrinsically safe
Internal tube type (T4): up to + 150ºC
External tube type (T4): up to + 165ºC
(T3): up to + 200ºC
Dust explosion-proof
Internal tube type : up to + 150ºC
External tube type: up to + 200ºC
Intrinsically safe
 − 20 to + 60℃
Dust explosion-proof
 − 20 to + 50℃
● Intrinsically safe specifications for an option of current transmission or current transmission+HART® communication
Rated value
Max. voltage for intrinsically safe circuit
28 V DC less than
Max. current for intrinsically safe circuit
93 mA less than
Max. power consumption for intrinsically safe circuit
650 mW less than
Internal capacitance
5 nF or more
Internal inductance
0.2mH or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com