Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWPA Datasheet(PDF) 7 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA Datasheet(HTML) 7 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA4018S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4018S1R0NT
1.0±30%
0.025
80
4.80
2.00
SWPA4018S1R5NT
1.5±30%
0.030
65
3.35
1.80
SWPA4018S2R2MT
2.2±20%
0.045
52
2.70
1.65
SWPA4018S3R3MT
3.3±20%
0.070
44
2.45
1.23
SWPA4018S4R7MT
4.7±20%
0.090
34
1.70
1.20
SWPA4018S6R8MT
6.8±20%
0.110
29
1.45
1.06
SWPA4018S100MT
10±20%
0.180
24
1.30
0.84
SWPA4018S150MT
15±20%
0.250
19
0.94
0.65
SWPA4018S220MT
22±20%
0.360
16
0.80
0.59
SWPA4018S330MT
33±20%
0.530
12
0.56
0.49
SWPA4018S470MT
47±20%
0.650
10
0.57
0.42
SWPA4018S680MT
68±20%
1.000
8.3
0.47
0.32
SWPA4018S101MT
100±20%
1.750
6.5
0.40
0.25
SWPA4018S151MT
150±20%
2.500
5.5
0.31
0.22
SWPA4018S221MT
220±20%
4.000
4.0
0.27
0.17
SWPA4020S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4020SR33NT
0.33±30%
0.013
233
7.50
3.30
SWPA4020S1R0NT
1.0±30%
0.029
75
4.78
2.15
SWPA4020S1R2NT
1.2±30%
0.029
72
5.10
2.15
SWPA4020S1R5NT
1.5±30%
0.035
71
4.45
1.98
SWPA4020S2R2NT
2.2±30%
0.040
49
3.40
1.85
SWPA4020S3R3MT
3.3±20%
0.070
44
3.20
1.40
SWPA4020S3R6MT
3.6±20%
0.055
49
2.80
1.54
SWPA4020S4R7MT
4.7±20%
0.075
42
2.35
1.34
SWPA4020S5R1MT
5.1±20%
0.085
42
2.30
1.27
SWPA4020S5R6MT
5.6±20%
0.090
30
2.20
1.22
SWPA4020S6R2MT
6.2±20%
0.115
36
2.15
1.08
SWPA4020S6R8MT
6.8±20%
0.125
33
2.20
1.04
SWPA4020S7R5MT
7.5±20%
0.115
30
1.85
1.08
SWPA4020S8R2MT
8.2±20%
0.125
27
1.75
1.04
SWPA4020S100MT
10±20%
0.165
26
1.60
0.90
SWPA4020S120MT
12±20%
0.175
26
1.50
0.88
SWPA4020S150MT
15±20%
0.230
24
1.35
0.77
SWPA4020S220MT
22±20%
0.350
15
1.05
0.62
SWPA4020S270MT
27±20%
0.545
14
1.02
0.50
SWPA4020S330MT
33±20%
0.550
11
0.85
0.49
SWPA4020S390MT
39±20%
0.650
11
0.82
0.46
SWPA4020S430MT
43±20%
0.660
10
0.77
0.45
SWPA4020S470MT
47±20%
0.710
10
0.74
0.44
SWPA4020S510MT
51±20%
0.750
10
0.70
0.42
SWPA4020S560MT
56±20%
0.800
10
0.66
0.41
SWPA4020S620MT
62±20%
0.900
9.6
0.65
0.39
SWPA4020S680MT
68±20%
1.060
7.7
0.61
0.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com