Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWPA Datasheet(PDF) 1 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA Datasheet(HTML) 1 Page - Shenzhen Sunlord Electronics Co., Ltd

  SWPA Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
Wire Wound SMD Power Inductors – SWPA Series
Operating temperature range: -40℃~+125℃ (Including self-heating)
FEATURES
Magnetic-resin shielded construction reduces buzz noise to ultra-low levels
Metallization on ferrite core results in excellent shock resistance and damage-free durability
Closed magnetic circuit design reduces leakage flux and Electro Magnetic Interference (EMI)
30% higher current rating than conventional inductors of equal size
Takes up less PCB real estate and save more power
APPLICATIONS
LED Lighting
Next-generation mobile devices with multifunction such as mobile TV and digital movie cameras
Flat-screen TVs, blue-ray disc recorders, set top box
Notebooks, desktop computers, servers, graphic cards cards
Portable gaming devices, personal navigation systems, personal multimedia devices
Automotive systems
Telecomm base stations
PRODUCT IDENTIFICATION
SWPA
3012
S
1R0
N
T
①
②
③
④
⑤
⑥
②
External Dimensions (L×W×H) [mm]
252010
2.5×2.0×1.0
252012
2.5×2.0×1.2
3010
3.0×3.0×1.0
3012
3.0×3.0×1.2
3015
3.0×3.0×1.5
4010
4.0×4.0×1.0
4012
4.0×4.0×1.2
4018
4.0×4.0×1.8
4020
4.0×4.0×2.0
4026
4.0×4.0×2.6
4030
4.0×4.0×3.0
5012
5.0×5.0×1.2
5020
5.0×5.0×2.0
5040
5.0×5.0×4.0
6020
6.0×6.0×2.0
6028
6.0×6.0×2.8
6045
6.0×6.0×4.5
8040
8.0×8.0×4.0
①
Type
SWPA
Wire Wound SMD Power Inductor
③
Feature Type
S
Standard
④
Nominal Inductance
Example
Nominal Value
1R0
1.0μH
100
10μH
⑤
Inductance Tolerance
K
±10%
M
±20%
N
±30%
⑥
Packing
T
Tape Carrier Package


Similar Part No. - SWPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SWPA5040S100MT TI-SWPA5040S100MT Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
SWPA5040S2R2NT TI1-SWPA5040S2R2NT Datasheet
526Kb / 20P
15-V Output voltage non-synchronous boost converter in SOT-23 package
SWPA5040S3R3NT TI1-SWPA5040S3R3NT Datasheet
526Kb / 20P
15-V Output voltage non-synchronous boost converter in SOT-23 package
SWPA5040S4R7NT TI-SWPA5040S4R7NT Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
More results

Similar Description - SWPA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com