Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGM4100C Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # EGM4100C
Description  EGM4100C
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGM4100C Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  EGM4100C Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TG-F2230-E00
1st edition Feb 2022 K
GENERAL
MAGMAX® EGM4100C is a combination of well-accepted flange
type EGS4000 primary head with PFA, PTFE or other lining materi-
als and converter EGC100.
Improved self-diagnostic functions include empty pipe detection
and conductivity monitoring.
With 10mm to 1000mm in size EGS4000 is widely used for chemi-
cals and many other applications.
FEATURES
❏ Punched plate reinforced high quality clear PFA is adopted (size :
25 to 150mm) for high anti-corrosive, anti-erosion, and anti-pene-
tration capability.
❏ A variety of lining materials including PFA and PTFE are available.
❏ High accuracy of ±0.5% of reading.
❏ High speed data processing for quick response. Suitable for batch
process control and pulsating flow.
❏ The extendable excitation system allows applications to much
fluid noise such as slurry.
❏ The LCD with backlight provides 1 to 3 lines of versatile indica-
tion.
❏ Equipped with a quick setup function to readily respond to
changed flow range, pulse rate, etc.
The push buttons allow you to alter the settings without removing
the cover of conversion section.
❏ 10kHz high-speed pulse output. Capable of responding to short
batch processes.
❏ Bi-directional measurement, double ranges and status outputs
including flow rate alarms are standardized.
MAGMAX®
EGM4100C
Compact Electromagnetic Flowmeter
STANDARD SPECIFICATION
General Specification
● Excitation
: Square wave
● Nominal size
: 10, 15, 20, 25, 40, 50, 65, 80, 100, 125,
150, 200, 250 300, 350, 400, 450, 500,
600, 700, 800, 900, and 1000mm
(For size over 1000mm, consult TOKYO
KEISO.)
● Measuring range
: Flow velocity
Min. 0 to 0.3m/s
Max. 0 to 12m/s
Flow rate
Min. 0 to 0.085m
3/h
(Minimum flow at 10mm size)
Max. 0 to 33928m
3/h
(Maximum flow at 1000mm size)
● Protection class
: IP66/67 (IEC 60529)
● Meter body material
Measuring tube : Stainless steel / SS304
Primary head housing : Size 20mm or less ; Cast duplex stainless
steel
(*1)
Size 25mm or more ; Carbon steel
(*1)
[Standard]
[Option] Stainless steel/SS304
Flanges : Carbon steel
(*1) [Standard]
[Option] Stainless steel/SS316L
Converter housing : Aluminum alloy
(*1)
Converter cover : Aluminum alloy
(*1)
Indicator water : Polyester
protection sheet
(*1) Anti-corrosive painting


Similar Part No. - EGM4100C

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
EGM4050C KEISO-EGM4050C Datasheet
267Kb / 10P
EGM4050C
Apr 2019
EGM4300C KEISO-EGM4300C Datasheet
302Kb / 12P
EGM4300C
Apr 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com