Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGM4100C Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # EGM4100C
Description  EGM4100C
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGM4100C Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  EGM4100C Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. EGM4100C Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAGMAX® Compact Electromagnetic Flowmeter EGM4100C
4
TOKYO KEISO CO., LTD.
TG-F2230-E00
FLUID TEMPERATURE AND PRESSURE RANGE
Fluid Temperature
Liner
Nominal size (mm)
Fluid temperature
Ambient temperature
PFA
25 to 150
–40 to +140˚C
PTFE
10 to 20, 200 to 600
–40 to +65˚C
ETFE
200 to 1000
–40 to +120˚C
Maximum Pressure / Permissible Vacuum Load
Liner
Nominal size
Pressure
(mm)
MPa
*
40˚C
60˚C
80˚C
100˚C
120˚C
PFA
25 to 150
5
0
0
0
0
0
10 to 20
5
0
0
0
0
50
PTFE
200 to 300
5
50
75
100
100
100
350 to 600
5
80
100
100
100
100
ETFE
200 to 1000
15
10
10
10
10
10
Minimum pressure kPa (abs) / Fluid temp.
* Maximum operating pressure must be within the flange rating pressure. The value on this table indicates maximum pressure of main body.
FLOW RANGE
Nominal size
Possible setting range (m3/h)
(mm)
Min. (Velocity : 0 to 0.3 m/s)
Max. (Velocity : 0 to 12 m/s)
10
0 to 0.085
0 to 3.393
15
0 to 0.191
0 to 7.634
20
0 to 0.339
0 to 13.572
25
0 to 0.530
0 to 21.205
40
0 to 1.357
0 to 54.287
50
0 to 2.121
0 to 84.823
65
0 to 3.584
0 to 143.352
80
0 to 5.429
0 to 217.152
100
0 to 8.482
0 to 339.288
125
0 to 13.254
0 to 530.148
150
0 to 19.085
0 to 763.404
200
0 to 33.930
0 to 1357.200
Nominal size
Possible setting range (m3/h)
(mm)
Min. (Velocity : 0 to 0.3 m/s)
Max. (Velocity : 0 to 12 m/s)
250
0 to 53.013
0 to 2120.520
300
0 to 76.341
0 to 3053.640
350
0 to 103.908
0 to 4156.320
400
0 to 135.717
0 to 5428.680
450
0 to 171.765
0 to 6870.600
500
0 to 212.058
0 to 8482.320
600
0 to 305.370
0 to 12214.800
700
0 to 415.620
0 to 16624.800
800
0 to 542.880
0 to 21715.200
900
0 to 687.060
0 to 27482.400
1000
0 to 848.220
0 to 33928.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com