Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3835EO Datasheet(PDF) 8 Page - Semicoa Semiconductor

Part # CS3835EO
Description  2X40W Class-D Audio Power Amplifier Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

CS3835EO Datasheet(HTML) 8 Page - Semicoa Semiconductor

Back Button CS3835EO Datasheet HTML 2Page - Semicoa Semiconductor CS3835EO Datasheet HTML 3Page - Semicoa Semiconductor CS3835EO Datasheet HTML 4Page - Semicoa Semiconductor CS3835EO Datasheet HTML 5Page - Semicoa Semiconductor CS3835EO Datasheet HTML 6Page - Semicoa Semiconductor CS3835EO Datasheet HTML 7Page - Semicoa Semiconductor CS3835EO Datasheet HTML 8Page - Semicoa Semiconductor CS3835EO Datasheet HTML 9Page - Semicoa Semiconductor CS3835EO Datasheet HTML 10Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CS3835EO
版本:S-2022-07- 版本 V0.1
华 润 微 集 成 电 路 ( 无 锡 ) 有 限 公 司
第 8 页
w w w . c r m i c r o . c o m
6、封装尺寸与外形图(单位:mm)
6. 1、外形图
6. 2、封装尺寸
Symbol
Min.
Nom.
Max.
Symbol
Min.
Nom.
Max.
A
-
-
1.75
E1
3.70
3.90
4.10
A1
0.05
-
0.15
e
1.27BSC
A2
1.30
1.40
1.50
E2
-
2.41
-
A3
0.60
0.65
0.70
D1
-
4.57
-
b
0.39
-
0.48
g
-
0.508
-
b1
0.38
0.41
0.43
j
-
0.40
-
c
0.21
-
0.26
h
0.25
-
0.50
c1
0.19
0.20
0.21
L
0.50
-
0.80
D
9.70
9.90
10.10
L1
1.05BSC
E
5.80
6.00
6.20
0
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com