Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT241DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT241DBR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT241DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT241DBR Datasheet HTML 1Page - Texas Instruments SN74ACT241DBR Datasheet HTML 2Page - Texas Instruments SN74ACT241DBR Datasheet HTML 3Page - Texas Instruments SN74ACT241DBR Datasheet HTML 4Page - Texas Instruments SN74ACT241DBR Datasheet HTML 5Page - Texas Instruments SN74ACT241DBR Datasheet HTML 6Page - Texas Instruments SN74ACT241DBR Datasheet HTML 7Page - Texas Instruments SN74ACT241DBR Datasheet HTML 8Page - Texas Instruments SN74ACT241DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ACT241, SN74ACT241
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS516C – JUNE 1995 – REVISED OCTOBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54ACT241
SN74ACT241
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
6
8.5
1
9.5
1.5
9.5
ns
tPHL
A
Y
1.5
5.5
7.5
1
9
1.5
8.5
ns
tPZH
OE or OE
Y
1.5
7
8.5
1
10
1
9.5
ns
tPZL
OE or OE
Y
2
7
9.5
1
11.5
1.5
10.5
ns
tPHZ
OE or OE
Y
2
8
9.5
1
11
2
10.5
ns
tPLZ
OE or OE
Y
2.5
6.5
10
1
11.5
2
10.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
CL = 50 pF,
f = 1 MHz
45
pF
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
≈VCC
3 V
0 V
50% VCC
50% VCC
VOH
VOL
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
Open
Input
Output
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
Open
TEST
S1
VOH – 0.3 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com