Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT241DBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT241DBR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT241DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT241DBR Datasheet HTML 1Page - Texas Instruments SN74ACT241DBR Datasheet HTML 2Page - Texas Instruments SN74ACT241DBR Datasheet HTML 3Page - Texas Instruments SN74ACT241DBR Datasheet HTML 4Page - Texas Instruments SN74ACT241DBR Datasheet HTML 5Page - Texas Instruments SN74ACT241DBR Datasheet HTML 6Page - Texas Instruments SN74ACT241DBR Datasheet HTML 7Page - Texas Instruments SN74ACT241DBR Datasheet HTML 8Page - Texas Instruments SN74ACT241DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ACT241, SN74ACT241
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS516C – JUNE 1995 – REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 8.5 ns at 5 V
D Inputs Are TTL Compatible
SN54ACT241 ...J OR W PACKAGE
SN74ACT241 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ACT241 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
description/ordering information
These octal buffers and line drivers are designed specifically to improve the performance and density of 3-state
memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
The ’ACT241 devices are organized as two 4-bit buffers/drivers with separate complementary output-enable
(1OE and 2OE) inputs. When 1OE is low or 2OE is high, the device passes noninverted data from the A inputs
to the Y outputs. When 1OE is high or 2OE is low, the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor and OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking or the current-sourcing capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74ACT241N
SN74ACT241N
SOIC
DW
Tube
SN74ACT241DW
ACT241
40
°Cto85°C
SOIC – DW
Tape and reel
SN74ACT241DWR
ACT241
–40
°C to 85°C
SOP – NS
Tape and reel
SN74ACT241NSR
ACT241
SSOP – DB
Tape and reel
SN74ACT241DBR
AD241
TSSOP – PW
Tape and reel
SN74ACT241PWR
AD241
CDIP – J
Tube
SNJ54ACT241J
SNJ54ACT241J
–55
°C to 125°C
CFP – W
Tube
SNJ54ACT241W
SNJ54ACT241W
LCCC – FK
Tube
SNJ54ACT241FK
SNJ54ACT241FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ACT241DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT241DBR TI-SN74ACT241DBR Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT241DBR TI1-SN74ACT241DBR Datasheet
1Mb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT241DBRE4 TI-SN74ACT241DBRE4 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT241DBRG4 TI-SN74ACT241DBRG4 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT241DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com