Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC6017 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6017
Description  - - 0.476"(12.1)MIN 0.500"(12.7) MIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6017 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6017 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-4 GHZ
VSWR 1.5:1 MAX
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55C- +120C
MECHANICAL:
MATERIAL BODY: BRASS, NICKLE PLATED
CENTER CONTACT: BRASS
CONTACT PLATING: Si
INSULATOR: TEFLON
INTERFACE: MIL-STD-348A
ROHS COMPLIANT
ASSEMBLY INSTRUCTIONS:
CABLE ATTACHMENT: OUTER - CRIMP, INNER - SOLDER/CRIMP
.071 HEX CRIMP TOOL FOR CONTACT
.216 HEX CRIMP TOOL FOR FERRULE
3FKR5
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
BNC-F BULKHEAD RG55 RG142 CRIMP
ALL DIMENSIONS IN inches(MM) Typical
1.240"
(31.5)
0.689"
(17.5)
0.630"
(16)
0.650"
(16.5)
0.138" (3.5)
0.295"
(7.5)
0.500"
(12.7)
Ø0.256"
(6.5)
.134" (3.4)
MAX PANEL
ID .224"
(5.7)
MOUNTING HOLE
0.500"(12.7) MIN
0.476"(12.1)MIN
Ø .043" (1.1)
STRIPPING DIMENSIONS
.630" (16) HEX
- -


Similar Part No. - SC6017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC601-R ETC1-SC601-R Datasheet
259Kb / 8P
Speech And Music Processor
SC601-RL1 ETC1-SC601-RL1 Datasheet
259Kb / 8P
Speech And Music Processor
logo
Infinite Electronics In...
SC6013 FAIRVIEW-SC6013 Datasheet
27Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC6015 FAIRVIEW-SC6015 Datasheet
523Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable
REV 2.0
More results

Similar Description - SC6017

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3017W5PCM99A10X CONEC-3017W5PCM99A10X Datasheet
72Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3017W2SCT56N40X CONEC-3017W2SCT56N40X Datasheet
128Kb / 2P
METALSHELLS:STEEL; MIN. 320QIN
3017W2SCM99A10X CONEC-3017W2SCM99A10X Datasheet
88Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3013W3PCM99A10X CONEC-3013W3PCM99A10X Datasheet
72Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3009W4PCM99A10X CONEC-3009W4PCM99A10X Datasheet
96Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3008W8SXX56N40X CONEC-3008W8SXX56N40X Datasheet
68Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3007W2SCT56N40X CONEC-3007W2SCT56N40X Datasheet
108Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3007W2SCM99A30X CONEC-3007W2SCM99A30X Datasheet
72Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
3007W2SCM99A10X CONEC-3007W2SCM99A10X Datasheet
61Kb / 1P
METALSHELLS:STEEL; MIN. 320QIN
logo
CITIZEN ELECTRONICS CO....
CLU028-1201C4 CITIZEN-CLU028-1201C4_18 Datasheet
625Kb / 15P
Ra70 Min, Ra80 Min. Model
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com