Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WGD7120HC Datasheet(PDF) 2 Page - Whirlpool.

Part # WGD7120HC
Description  Whirlpool® Smart Capable Front Load Electric/Gas Dryer with AccuDry™ System, Steam Refresh Cycle - 7.4 cu. ft.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WGD7120HC Datasheet(HTML) 2 Page - Whirlpool.

  WGD7120HC Datasheet HTML 1Page - Whirlpool. WGD7120HC Datasheet HTML 2Page - Whirlpool. WGD7120HC Datasheet HTML 3Page - Whirlpool. WGD7120HC Datasheet HTML 4Page - Whirlpool. WGD7120HC Datasheet HTML 5Page - Whirlpool. WGD7120HC Datasheet HTML 6Page - Whirlpool. WGD7120HC Datasheet HTML 7Page - Whirlpool. WGD7120HC Datasheet HTML 8Page - Whirlpool. WGD7120HC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DETAILED PLANNING DIMENSIONS
WARNING: To reduce the risk of fire, electric shock, or injury to persons, read the IMPORTANT SAFETY INSTRUCTIONS and
INSTALLATION INSTRUCTIONS, located in your appliance's Owner's Manual, before installing and operating this appliance.
Electrical Requirements
Fuel Type
Electric
Gas
Minimum Circuit
Amperage Rating
30 A
15 A
Maximum AMP Draw
26 A
6 A
Operating Voltage
240 V AC only
120 V AC only
Operating Frequency
60 Hz
Product Dimensions
in (min)
mm (min)
in (max)
mm (max)
A
Height (with feet)
423/4
1086
433/4
1111
B
Width
27
686
-
-
C
Top Height (with feet)
395∕8
1006
405∕8
1031
D
Depth
297∕8
759
-
-
E
Side Vent Height (feet min)
61/4
158
71/4
184
F
Side Vent (from back)
103∕8
264
-
-
A
B
D
C
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com