Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WGD7120HC Datasheet(PDF) 4 Page - Whirlpool.

Part # WGD7120HC
Description  Whirlpool® Smart Capable Front Load Electric/Gas Dryer with AccuDry™ System, Steam Refresh Cycle - 7.4 cu. ft.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WGD7120HC Datasheet(HTML) 4 Page - Whirlpool.

  WGD7120HC Datasheet HTML 1Page - Whirlpool. WGD7120HC Datasheet HTML 2Page - Whirlpool. WGD7120HC Datasheet HTML 3Page - Whirlpool. WGD7120HC Datasheet HTML 4Page - Whirlpool. WGD7120HC Datasheet HTML 5Page - Whirlpool. WGD7120HC Datasheet HTML 6Page - Whirlpool. WGD7120HC Datasheet HTML 7Page - Whirlpool. WGD7120HC Datasheet HTML 8Page - Whirlpool. WGD7120HC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DETAILED PLANNING DIMENSIONS
1"/0"*
(25 mm/0 mm)
*Recommended/Minimum spacing
6"/0"*
(152 mm/0 mm)
14" max
(356 mm)
1"
18"
(25 mm)
(460 mm)
3"
(76 mm)
3"
(76 mm)
48 in.
(310 cm2)
24 in.
(155 cm2)
Spacing for recessed area or closet installation
The dimensions shown are for the recommended spacing allowed.
Ƀ
Additional spacing should be considered for ease of installation and servicing.
Ƀ
Additional clearances might be required for wall, door, and floor moldings.
Ƀ
Additional spacing of 1" (25 mm) on all sides of the dryer is recommended to reduce noise transfer.
Ƀ
For closet installation, with a door, minimum ventilation openings in the top and bottom of the door are required. Louvered doors
with equivalent ventilations openings are acceptable.
Ƀ
Companion appliance spacing should also be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com