Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC2 Datasheet(PDF) 7 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 7 Page - Clarke International

Back Button BC2 Datasheet HTML 3Page - Clarke International BC2 Datasheet HTML 4Page - Clarke International BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International BC2 Datasheet HTML 10Page - Clarke International BC2 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW
NOTE: The charger will intelligently recognize if it is a 12V or 24V battery. Then press
the ‘MODE’ button to select among the four normal charge modes (Battery
Types): STD (Standard Lead Acid), AGM (Absorbent Glass Mat), LFP (Lithium
Iron Phosphate) or M (Maintenance)
1 Power Cable/Plug
4 Charging Clamp Negative (Black)
2 LCD Display Screen
5 Charging Clamp Positive (Red)
3 Mode Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com